Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC190CEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC190CEVB
Description  Synchronous Buck Converter with Programmable Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC190CEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC190CEVB Datasheet HTML 1Page - Semtech Corporation SC190CEVB Datasheet HTML 2Page - Semtech Corporation SC190CEVB Datasheet HTML 3Page - Semtech Corporation SC190CEVB Datasheet HTML 4Page - Semtech Corporation SC190CEVB Datasheet HTML 5Page - Semtech Corporation SC190CEVB Datasheet HTML 6Page - Semtech Corporation SC190CEVB Datasheet HTML 7Page - Semtech Corporation SC190CEVB Datasheet HTML 8Page - Semtech Corporation SC190CEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC190
Pin Configuration
Ordering Information
TOP VIEW
1
2
3
4
10
9
8
7
5
6
MLP10: 3X3 10 LEAD
BP
VIN
VOUT
EN
MODE
LX
GND
VID1
VID0
SYNC/PWM
T
Device
Package
SC190AIMLTRT(1)
MLP 3X3-10
SC190BIMLTRT(1)
SC190CIMLTRT(1)
SC190DIMLTRT(1)
SC190AEVB
Evaluation Board(2)
SC190BEVB
SC190CEVB
SC190DEVB
(1) Lead-free packaging only. This product is fully WEEE and RoHS
compliant. Available on tape and reel only. A reel contains 3000
devices.
(2) Part specific evaluation boards - consult factory for availability.
Programmable Output Voltage
VID1
VID0
SC190A
SC190B
SC190C
SC190D
0
0
1.8V
1.2V
2.5V
1.3V
0
1
1.85V
1.5V
2.8V
1.35V
1
0
1.75V
1.0V
2.6V
1.375V
1
1
1.9V
1.8V
2.7V
1.4V
Pin #
Pin Name
Pin Function
1
BP
Regulated output, with respect to VIN, of the front-end LDO. A decoupling capacitor is connected to
this pin. This input goes directly to the internal MOSFET switch.
2
VIN
Input power supply voltage
.
3
VOUT
Regulated output voltage and feedback for SC190.
4
EN
Enable (digital input): high input enables the SC190, a low disables and reduces quiescent current to
0.1µA. In shutdown, LX becomes high impedance.
5
MODE
Mode select pin (digital input): MODE = VIN - linear regulator mode; MODE = GND - switcher mode.
6
SYNC/PWM
Oscillator synchronization input. Tie to VIN for forced continuous mode or external clock for frequency
synchronization.
7
VID0
Logic level Bit 0 used in conjunction with VID1 to set the output voltage.
8
VID1
Logic level Bit 1 used in conjunction with VID0 to set the output voltage.
9
GND
Ground.
10
LX
Inductor connection to the switching FETs.
T
Thermal
Pad for heatsinking purposes. Not connected internally. Connects to ground plane using multiple
vias.
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com