Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC190CEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC190CEVB
Description  Synchronous Buck Converter with Programmable Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC190CEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC190CEVB Datasheet HTML 10Page - Semtech Corporation SC190CEVB Datasheet HTML 11Page - Semtech Corporation SC190CEVB Datasheet HTML 12Page - Semtech Corporation SC190CEVB Datasheet HTML 13Page - Semtech Corporation SC190CEVB Datasheet HTML 14Page - Semtech Corporation SC190CEVB Datasheet HTML 15Page - Semtech Corporation SC190CEVB Datasheet HTML 16Page - Semtech Corporation SC190CEVB Datasheet HTML 17Page - Semtech Corporation SC190CEVB Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC190
0
2
4
6
8
10
12
14
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Vin = 2.7V
Vin = 3.6V
Vin = 5.5V
0
200
400
600
800
1000
1200
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Vin = 2.7V
Vin = 3.6V
Vin = 5.5V
Quiescent Current vs Temperature
Oscillator Frequency vs Temperature
Input Current vs Output Current
Typical Characteristics (Cont.)
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
OUTPUT CURRENT (mA)
Linear Regulator
Switching Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com