Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LS175 Datasheet(PDF) 2 Page - SYC Electronica

Part # 74LS175
Description  QUAD D FLIP-FLOP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS175 Datasheet(HTML) 2 Page - SYC Electronica

  74LS175 Datasheet HTML 1Page - SYC Electronica 74LS175 Datasheet HTML 2Page - SYC Electronica 74LS175 Datasheet HTML 3Page - SYC Electronica 74LS175 Datasheet HTML 4Page - SYC Electronica 74LS175 Datasheet HTML 5Page - SYC Electronica 74LS175 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SN74LS175
2
CONNECTION DIAGRAM DIP (TOP VIEW)
Data Inputs
Clock (Active HIGH Going Edge) Input
Master Reset (Active LOW) Input
True Outputs
Complemented Outputs
D0 – D3
CP
MR
Q0 – Q3
Q0 – Q3
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 U.L.
5 U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
mA HIGH/1.6 mA LOW.
HIGH
LOW
(Note a)
LOADING
PIN NAMES
LOGIC DIAGRAM
NOTE:
The Flatpak version has the same
pinouts (Connection Diagram) as
the Dual In-Line Package.
VCC = PIN 16
GND = PIN 8
= PIN NUMBERS
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
12
1
2
36
7
11
14 15
10
45
13
9CP
D0
D1
D2
D3
MR
Q0 Q0 Q1 Q1 Q2 Q2 Q3 Q3
DQ
CP
CD
Q
CP D3
D2
D1
D0
Q3
Q3
Q2
Q2
Q1
Q1
Q0
Q0
DQ
CP
CD
Q
MR
14
1
2
67
3
4
5
9
11
12
10
13
15
DQ
CP
CD
Q
DQ
CP
CD
Q
14
13
12
11
10
9
1234
5
6
7
16
15
8
VCC
MR
Q3
Q3
D3
D2
Q2
Q2
CP
Q0
Q0
D0
D1
Q1
Q1
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com