Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LS175 Datasheet(PDF) 3 Page - SYC Electronica

Part # 74LS175
Description  QUAD D FLIP-FLOP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS175 Datasheet(HTML) 3 Page - SYC Electronica

  74LS175 Datasheet HTML 1Page - SYC Electronica 74LS175 Datasheet HTML 2Page - SYC Electronica 74LS175 Datasheet HTML 3Page - SYC Electronica 74LS175 Datasheet HTML 4Page - SYC Electronica 74LS175 Datasheet HTML 5Page - SYC Electronica 74LS175 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN74LS175
3
FUNCTIONAL DESCRIPTION
The LS175 consists of four edge-triggered D flip-flops
with individual D inputs and Q and Q outputs. The Clock and
Master Reset are common. The four flip-flops will store the
state of their individual D inputs on the LOW to HIGH Clock
(CP) transition, causing individual Q and Q outputs to
follow. A LOW input on the Master Reset (MR) will force
all Q outputs LOW and Q outputs HIGH independent of
Clock or Data inputs.
The LS175 is useful for general logic applications where
a common Master Reset and Clock are acceptable.
TRUTH TABLE
Inputs (t = n, MR = H)
Outputs (t = n+1) Note 1
D
Q
Q
L
L
H
H
H
L
Note 1: t = n + 1 indicates conditions after next clock.
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
2.7
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VO
Output LOW Voltage
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN =VIL or VIH
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 8.0 mA
VIN = VIL or VIH
per Truth Table
I
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
–20
– 100
mA
VCC = MAX
ICC
Power Supply Current
18
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com