Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8270 Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
2-18
Freescale Semiconductor
•
The G2_LE implements the following instruction, which supports critical interrupts. This is a
supervisor-level, context synchronizing instruction.
— Return from Critical Interrupt (rfci)
2.4
Cache Implementation
The MPC8280 processor core has separate data and instruction caches. The cache implementation is
described in the following sections.
2.4.1
PowerPC Cache Model
The PowerPC architecture does not define hardware aspects of cache implementations. For example, some
processors, including the MPC8280’s processor core, have separate instruction and data caches (Harvard
architecture), while others implement a unified cache.
Microprocessors that implement the PowerPC architecture control the following memory access modes on
a page or block basis:
•
Write-back/write-through mode
•
Caching-inhibited mode
•
Memory coherency
The PowerPC cache management instructions provide a means by which the application programmer can
affect the cache contents.
2.4.2
MPC8280 Implementation-Specific Cache Implementation
As shown in Figure 2-1, the caches provide a 64-bit interface to the instruction fetch unit and load/store
unit. The surrounding logic selects, organizes, and forwards the requested information to the requesting
unit. Write operations to the cache can be performed on a byte basis, and a complete read-modify-write
operation to the cache can occur in each cycle.
Each cache block contains eight contiguous words from memory that are loaded from an 8-word boundary
(that is, bits A27–A31 of the effective addresses are zero); thus, a cache block never crosses a page
boundary. Misaligned accesses across a page boundary can incur a performance penalty.
The cache blocks are loaded in to the processor core in four beats of 64 bits each. The burst load is
performed as critical double word first.
To ensure coherency among caches in a multiprocessor (or multiple caching-device) implementation, the
processor core implements the MEI protocol. These three states, modified, exclusive, and invalid, indicate
the state of the cache block as follows:
•
Modified—The cache block is modified with respect to system memory; that is, data for this
address is valid only in the cache and not in system memory.
•
Exclusive—This cache block holds valid data that is identical to the data at this address in system
memory. No other cache has this data.
•
Invalid—This cache block does not hold valid data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com