Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8270 Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 139Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
2-19
2.4.2.1
Data Cache
As shown in Figure 2-6, the data cache is configured as 128 sets of four blocks each. Each block consists
of 32 bytes, two state bits, and an address tag. The two state bits implement the three-state MEI
(modified/exclusive/invalid) protocol. Each block contains eight 32-bit words. Note that the PowerPC
architecture defines the term ‘block’ as a cacheable unit. For the MPC8280’s processor core, the block size
is equivalent to a cache line.
Figure 2-6. Data Cache Organization
Because the processor core data cache tags are single-ported, simultaneous load or store and snoop
accesses cause resource contention. Snoop accesses have the highest priority and are given first access to
the tags, unless the snoop access coincides with a tag write, in which case the snoop is retried and must
rearbitrate for access to the cache. Loads or stores that are deferred due to snoop accesses are executed on
the clock cycle following the snoop.
Because the caches on the processor core are write-back caches, the predominant type of transaction for
most applications is burst-read memory operations, followed by burst-write memory operations, and
single-beat (noncacheable or write-through) memory read and write operations. When a cache block is
filled with a burst read, the critical double word is simultaneously written to the cache and forwarded to
the requesting unit, thus minimizing stalls due to load delays.
Additionally, there can be address-only operations, variants of the burst and single-beat operations, (for
example, global memory operations that are snooped and atomic memory operations), and address retry
activity (for example, when a snooped read access hits a modified line in the cache).
Setting HID0[ABE] causes execution of the dcbf, dcbi, and dcbst instructions to be broadcast onto the
60x bus. The value of ABE does not affect dcbz instructions, which are always broadcast and snooped.
The cache operations are intended primarily for managing on-chip caches. However, the optional
broadcast feature is necessary to allow proper management of a system using an external copyback L2
cache.
The address and data buses operate independently to support pipelining and split transactions during
memory accesses. The processor core pipelines its own transactions to a depth of one level.
Address Tag 1
Address Tag 2
Address Tag 3
Block 1
Block 2
Block 3
128 Sets
Address Tag 0
Block 0
8 Words/Block
State
State
State
Words 0–7
Words 0–7
Words 0–7
Words 0–7
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com