Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3311 Datasheet(PDF) 8 Page - SMSC Corporation

Part # USB3311
Description  Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3311 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button USB3311 Datasheet HTML 4Page - SMSC Corporation USB3311 Datasheet HTML 5Page - SMSC Corporation USB3311 Datasheet HTML 6Page - SMSC Corporation USB3311 Datasheet HTML 7Page - SMSC Corporation USB3311 Datasheet HTML 8Page - SMSC Corporation USB3311 Datasheet HTML 9Page - SMSC Corporation USB3311 Datasheet HTML 10Page - SMSC Corporation USB3311 Datasheet HTML 11Page - SMSC Corporation USB3311 Datasheet HTML 12Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
Revision 1.0 (05-08-07)
8
SMSC USB3311
PRODUCT PREVIEW
20
A3
STP
Input,
CMOS
High
The Link asserts STP for one clock cycle
to stop the data stream currently on the
bus. If the Link is sending data to the
PHY, STP indicates the last byte of data
was on the bus in the previous cycle.
21
B3
VDD1.8
Power
N/A
External 1.8V Supply input pin. This pad
needs to be bypassed with a 0.1uF
capacitor to ground, placed as close as
possible to the USB3311.
22
B2
RESETB
Input,
CMOS,
Low
When low, the part is suspended with all
of the I/O tri-stated. When high the
USB3311 will operate as a normal ULPI
device.
23
A2
REFCLK
Input,
CMOS
N/A
26MHz Reference Clock input.
24
A1
RBIAS
Analog,
CMOS
N/A
Bias Resistor pin. This pin requires an
8.06kΩ (±1%) resistor to ground, placed
as close as possible to the USB3311.
FLAG
C3
GND
Ground
N/A
Ground.
QFN only: The flag should be connected
to the ground plane with a via array
under the exposed flag. This is the main
ground for the IC.
Table 1 USB3311 Pin Description (continued)
PIN/
BALL
NAME
DIRECTION/
TYPE
ACTIVE
LEVEL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com