Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3311 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB3311
Description  Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3311 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB3311 Datasheet HTML 4Page - SMSC Corporation USB3311 Datasheet HTML 5Page - SMSC Corporation USB3311 Datasheet HTML 6Page - SMSC Corporation USB3311 Datasheet HTML 7Page - SMSC Corporation USB3311 Datasheet HTML 8Page - SMSC Corporation USB3311 Datasheet HTML 9Page - SMSC Corporation USB3311 Datasheet HTML 10Page - SMSC Corporation USB3311 Datasheet HTML 11Page - SMSC Corporation USB3311 Datasheet HTML 12Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
SMSC USB3311
9
Revision 1.0 (05-08-07)
PRODUCT PREVIEW
Application Diagrams
Figure 4 USB3311 QFN Application Diagram
USB
Connector
ULPI Interface
5 Volt
Supply
3.1-5.5V
Battery /
Supply
12
C
VBUS
Host Only
C
VBUS
Host
Device
OTG Device
Min
120uF
1uF
1uF
Max
10uF
6.5uF
1.8V
Supply
Reference Clock
RESETB
QFN
Ground Flag
To Left Audio Channel
VBUS
ID
VDD3.3
DM
DP
NXT
DATA0
DATA2
DATA3
DATA1
VBAT
CLKOUT
1
2
3
4
5
6
18
17
16
15
14
13
24 Pin
QFN
4 x 4 mm
To Right Audio Channel
REFCLK and CLKOUT should be
isolated with a ground line on both
sides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com