Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT9214 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9214
Description  5V/12V Synchronous Buck PWM DC-DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9214 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9214 Datasheet HTML 9Page - Richtek Technology Corporation RT9214 Datasheet HTML 10Page - Richtek Technology Corporation RT9214 Datasheet HTML 11Page - Richtek Technology Corporation RT9214 Datasheet HTML 12Page - Richtek Technology Corporation RT9214 Datasheet HTML 13Page - Richtek Technology Corporation RT9214 Datasheet HTML 14Page - Richtek Technology Corporation RT9214 Datasheet HTML 15Page - Richtek Technology Corporation RT9214 Datasheet HTML 16Page - Richtek Technology Corporation RT9214 Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
RT9214
DS9214-13
September 2007
www.richtek.com
Figure 7. UV and OC trigger hiccup mode
0A
0V
2V
4V
T1
T2
T3
TIME
COUNT = 1
COUNT = 2
OVERLOAD
APPLIED
T0
T4
COUNT = 3
COUNT = 4
Figure 8, UV_FB trigger VIN power sensing
PWM Layout Considerations
MOSFETs switch very fast and efficiently. The speed with
which the current transitions from one device to another
causes voltage spikes across the interconnecting
impedances and parasitic circuit elements. The voltage
spikes can degrade efficiency and radiate noise, that results
in over-voltage stress on devices. Careful component
Power Off
Time (10ms/Div)
FB
UGATE
(20V/Div)
VOUT
VIN
(500mV/Div)
(2V/Div)
(2V/Div)
VIN Power
Sensing
UV
IOUT = 2A
Under Voltage Protection
The voltage at FB pin is monitored and protected against
UV (under voltage). The UV threshold is the FB or FBL
under 80%. UV detection has 15
μs triggered delay. When
OC is trigged, a hiccup restart sequence will be initialized,
as shown in Figure 7 Only 4 times of trigger are allowed
to latch off. Hiccup is disabled during soft-start interval,
but UV_FB has some difference from OC, it will always
trigger VIN power sensing after 4 times hiccup, as shown
in Figure 8.
placement layout and printed circuit design can minimize
the voltage spikes induced in the converter. Consider, as
an example, the turn-off transition of the upper MOSFET
prior to turn-off, the upper MOSFET was carrying the full
load current. During turn-off, current stops flowing in the
upper MOSFET and is picked up by the low side MOSFET
or schottky diode. Any inductance in the switched current
path generates a large voltage spike during the switching
interval. Careful component selections, layout of the
critical components, and use shorter and wider PCB traces
help in minimizing the magnitude of voltage spikes.
There are two sets of critical components in a DC-DC
converter using the RT9214. The switching power
components are most critical because they switch large
amounts of energy, and as such, they tend to generate
equally large amounts of noise. The critical small signal
components are those connected to sensitive nodes or
those supplying critical bypass current.
The power components and the PWM controller should
be placed firstly. Place the input capacitors, especially
the high-frequency ceramic decoupling capacitors, close
to the power switches. Place the output inductor and
output capacitors between the MOSFETs and the load.
Also locate the PWM controller near by MOSFETs.
A multi-layer printed circuit board is recommended.
Figure 9 shows the connections of the critical components
in the converter. Note that the capacitors CIN and COUT
each of them represents numerous physical capacitors.
Use a dedicated grounding plane and use vias to ground
all critical components to this layer. Apply another solid
layer as a power plane and cut this plane into smaller
islands of common voltage levels. The power plane should
support the input power and output power nodes. Use
copper filled polygons on the top and bottom circuit layers
for the PHASE node, but it is not necessary to oversize
this particular island. Since the PHASE node is subjected
to very high dV/dt voltages, the stray capacitance formed
between these island and the surrounding circuitry will
tend to couple switching noise. Use the remaining printed
circuit layers for small signal routing. The PCB traces
between the PWM controller and the gate of MOSFET
and also the traces connecting source of MOSFETs should
be sized to carry 2A peak currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com