Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT9214 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9214
Description  5V/12V Synchronous Buck PWM DC-DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9214 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9214 Datasheet HTML 1Page - Richtek Technology Corporation RT9214 Datasheet HTML 2Page - Richtek Technology Corporation RT9214 Datasheet HTML 3Page - Richtek Technology Corporation RT9214 Datasheet HTML 4Page - Richtek Technology Corporation RT9214 Datasheet HTML 5Page - Richtek Technology Corporation RT9214 Datasheet HTML 6Page - Richtek Technology Corporation RT9214 Datasheet HTML 7Page - Richtek Technology Corporation RT9214 Datasheet HTML 8Page - Richtek Technology Corporation RT9214 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
RT9214
www.richtek.com
DS9214-13
September 2007
Functional Pin Description
BOOT (Pin 1)
Bootstrap supply pin for the upper gate driver. Connect
the bootstrap capacitor between BOOT pin and the PHASE
pin. The bootstrap capacitor provides the charge to turn
on the upper MOSFET.
UGATE (Pin 2)
Upper gate driver output. Connect to the gate of high-
side power N-Channel MOSFET. This pin is monitored by
the adaptive shoot-through protection circuitry to
determine when the upper MOSFET has turned off.
GND (Pin 3)
Both signal and power ground for the IC. All voltage levels
are measured with respect to this pin. Ties the pin directly
to the low-side MOSFET source and ground plane with
the lowest impedance.
LGATE (Pin 4)
Lower gate drive output. Connect to the gate of low-side
power N-Channel MOSFET. This pin is monitored by the
adaptive shoot-through protection circuitry to determine
when the lower MOSFET has turned off.
VCC (Pin 5)
Connect this pin to a well-decoupled 5V or 12V bias
supply. It is also the positive supply for the lower gate
driver, LGATE.
FB (Pin 6)
Switcher feedback voltage. This pin is the inverting input
of the error amplifier. FB senses the switcher output
through an external resistor divider network.
OPS (OCSET, POR and Shut-Down) (Pin 7)
This pin provides multi-function of the over-current setting,
UGATE turn-on POR sensing, and shut-down features.
Connecting a resistor (ROCSET) between OPS and
PHASE pins sets the over-current trip point.
Pulling the pin to ground resets the device and all external
MOSFETs are turned off allowing the output voltage power
rails to float.
This pin is also used to detect VIN in power on stage and
issues an internal POR signal.
PHASE (Pin 8)
Connect this pin to the source of the upper MOSFET and
the drain of the lower MOSFET.
NC [Exposed Pad (9)]
No Internal Connection.
Typical Application Circuit
2%)
(0.8V
voltage
reference
Internal
:
V
)
R2
R3
(1
V
V
REF
REF
OUT
±
+
×
=
BOOT
VCC
PHASE
UGATE
OPS
LGATE
FB
GND
1
5
6
3
2
8
7
4
10
1uF
3uH
+5V to +12V
V
OUT
0.1uF
470uF
1000uFx3
32
68
3904
MU
ML
0.1-0.33uF
1uF
200-1k
RT9214
+3.3V/+5V/+12V
1N4148
ROCSET
R1
C1
C2
R2
R3
R4
C3
C4
C5
C6 to C8
D1
L1
Q1
Q2
Q3
V
IN
Disable >
2.2
2.2
R
C
R
BOOT
R
UGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com