Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DFPADD Datasheet(PDF) 2 Page - Digital Core Design

Part # DFPADD
Description  Floating Point Pipelined Adder Unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DFPADD Datasheet(HTML) 2 Page - Digital Core Design

  DFPADD Datasheet HTML 1Page - Digital Core Design DFPADD Datasheet HTML 2Page - Digital Core Design DFPADD Datasheet HTML 3Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
tation. It also permits FPGA prototyping be-
fore ASIC production.
BLOCK DIAGRAM
bdatai(31:0)
datao(31:0)
en
rst
clk
ofo
ufo
ifo
Arguments
Checker
Main FP
Pipelined Unit
Result
Composer
adatai(31:0)
Unlimited Designs
license allows using IP
Core in unlimited number of FPGA bitstreams
and ASIC implementations.
In all cases number of IP Core instantiations
within a design, and number of manufactured
chips are unlimited. There is no time of use
limitations.
Arguments Checker
- performs input data
analyze against IEEE-754 number standard
compliance. The appropriate numbers and
information about the input data classes are
given as the results to Main FP Pipelined
Unit.
Single Design license for
VHDL, Verilog source code called HDL
Source
Encrypted, or plain text EDIF called Netlist
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
Unlimited Designs license for
HDL Source
Main FP Pipelined Unit
- performs floating
point add function. Gives the complex infor-
mation about the results and makes final
flags settings.
Netlist
Upgrade from
Netlist to HDL Source
Single Design to Unlimited Designs
SYMBOL
Result Composer
- performs result rounding
function, data alignment to IEEE-754 stan-
dard, and the final flags setting.
adatai(31:0)
bdatai(31:0)
datao(31:0)
en
rst
clk
ofo
ufo
ifo
PERFORMANCE
The following table gives a survey about the
Core area and performance in the ALTERA®
devices after Place & Route :
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
clk
Input Global system clock
rst
Input Global system reset
en
Input Enable computing
adatai[31:0]
Input A data bus input
bdatai[31:0]
Input B data bus input
datao[31:0]
Output Data bus output
ofo
Output Overflow flag
ufo
Output Underflow flag
ifo
Output Invalid result flag
Speed
Device
Logic Cells
Fmax
grade
FLEX10KE
-1
1110
47 MHz
ACEX1K
-1
1110
47 MHz
APEX20K
-1
955
55 MHz
APEX20KE
-1
955
52 MHz
APEX20KC
-7
955
68 MHz
APEX-II
-7
955
88 MHz
MERCURY
-5
975
117 MHz
STRATIX
-5
845
107 MHz
CYCLONE
-6
845
104 MHz
STRATIX-II
-3
690
153 MHz
CYCLONE-II
-6
845
105 MHz
Core performance in ALTERA® devices



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com