Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32U385CG Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 34Page - STMicroelectronics STM32U385CG Datasheet HTML 35Page - STMicroelectronics STM32U385CG Datasheet HTML 36Page - STMicroelectronics STM32U385CG Datasheet HTML 37Page - STMicroelectronics STM32U385CG Datasheet HTML 38Page - STMicroelectronics STM32U385CG Datasheet HTML 39Page - STMicroelectronics STM32U385CG Datasheet HTML 40Page - STMicroelectronics STM32U385CG Datasheet HTML 41Page - STMicroelectronics STM32U385CG Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 224 page
background image
3.29
Secure advanced encryption standard hardware accelerator (SAES) and
encryption standard hardware accelerator (AES)
The devices embed two AES accelerators: SAES and AES. The SAES with hardware unique key embeds
protection against differential power analysis (DPA) and related side channel attacks. The SAES can share its
current key register information with the faster AES using a dedicated hardware bus.
The SAES and the AES can be used to both encrypt and decrypt data using the AES algorithm. It is a fully
compliant implementation of the advanced encryption standard (AES) as defined by Federal Information
Processing Standards Publication (FIPS PUB 197, Nov 2001).
Multiple chaining modes are supported for key sizes of 128 or 256 bits.
The SAES embeds protection against differential power analysis (DPA) and related side channel attacks.
To improve the confidentiality of the keys it manipulates, the SAES can create hardware secret keys, usable but
never readable in the clear by the application. Such keys can be encrypted with a device nonvolatile and unique
master key (256 bits) or an application-defined master key stored in backup registers (also 256 bits) written then
locked at boot time. Those hardware secret keys can also be made immediately unusable in case of a security
breach.
The SAES peripheral is connected by hardware to the true random number generator RNG (for side-channel
resistance). It is also connected to the faster AES hardware accelerator, in order to share hardware secret keys if
allowed by the SAES peripheral.
The SAES and AES peripherals support:
•
Compliant implementation of standard NIST Special Publication 197, Advanced Encryption Standard (AES)
and Special Publication 800-38A, Recommendation for Block Cipher Modes of Operation
•
128-bit data block processing
•
Support for cipher keys length of 128-bit and 256-bit
•
Encryption and decryption with multiple chaining modes:
–
Electronic codebook (ECB) mode
–
Cipher block chaining (CBC) mode
•
Additional chaining modes supported by AES only:
–
Counter (CTR) mode
–
Galois counter mode (GCM)
–
Galois message authentication code (GMAC) mode
–
Counter with CBC-MAC (CCM) mode
•
528 or 743 clock cycle latency in ECB encryption mode for SAES processing one
•
128-bit block of data with, respectively, 128-bit or 256-bit key
•
51 or 75 clock cycle latency in ECB encryption mode for AES processing one 128-bit block of data with,
respectively, 128-bit or 256-bit key
•
Integrated round key scheduler to compute the last round key for AES ECB/CBC decryption
•
256-bit register for storing the cryptographic key (four 32-bit registers), with key atomicity enforcement
•
128-bit registers for storing initialization vectors (four 32-bit registers)
•
One 32-bit input buffer and one 32-bit output buffer
•
Automatic data flow control with support of single-transfer direct memory access (DMA) using two channels
(one for incoming data, one for processed data)
•
Data swapping logic to support 1-, 8-, 16-, or 32-bit data
•
Possibility for software to suspend a message if the SAES/AES needs to process another message with a
higher priority (suspend/resume operation)
•
SAES additional features:
–
Security context enforcement for keys
–
Hardware secret key encryption/decryption (wrapped key mode) and sharing with faster AES
peripheral (Shared key mode)
–
Protection against differential power analysis (DPA) and related side-channel attacks
On top of standard AES encryption and decryption with a key loaded by software, SAES peripheral allows the
following advanced use cases:
•
Allow or deny the sharing of a key between a secure and a nonsecure application, enforced by hardware
STM32U385xx
Functional overview
DS14830 - Rev 2
page 38/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com