Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32U385CG Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 38Page - STMicroelectronics STM32U385CG Datasheet HTML 39Page - STMicroelectronics STM32U385CG Datasheet HTML 40Page - STMicroelectronics STM32U385CG Datasheet HTML 41Page - STMicroelectronics STM32U385CG Datasheet HTML 42Page - STMicroelectronics STM32U385CG Datasheet HTML 43Page - STMicroelectronics STM32U385CG Datasheet HTML 44Page - STMicroelectronics STM32U385CG Datasheet HTML 45Page - STMicroelectronics STM32U385CG Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 224 page
background image
•
Programmable digital glitch filter
•
Configurable output: pulse, PWM
•
Configurable I/O polarity
•
Encoder mode
•
Repetition counter
•
Up to 2 independent channels for:
–
Input capture
–
PWM generation (edge-aligned mode)
–
One-pulse mode output
•
Interrupt generation on 10 events
•
DMA request generation on the following events:
–
Update event
–
Input capture
3.32.5
Infrared interface
An infrared interface (IRTIM) for remote control is available on the device. It can be used with an infrared LED to
perform remote control functions. It uses internal connections with USART1, UART4, TIM16, and TIM17.
3.32.6
Independent watchdog (IWDG)
The independent watchdog (IWDG) peripheral offers a high safety level, thanks to its capability to detect
malfunctions due to software or hardware failures.
The IWDG is clocked by an independent clock, and stays active even if the main clock fails. In addition, the
watchdog function is performed in the VDD voltage domain, allowing the IWDG to remain functional even in low-
power modes.
The IWDG is best suited for applications that require the watchdog to run as a totally independent process outside
the main application, making it very reliable to detect any unexpected behavior.
The main features of IWDG are:
•
12-bit down-counter
•
Dual voltage domain, thus enabling operation in low-power modes
•
Independent clock
•
Early wake-up interrupt generation
•
Reset generation
–
In case of timeout
–
In case of refresh outside the expected window
3.32.7
Window watchdog (WWDG)
The system window watchdog (WWDG) is used to detect the occurrence of a software fault, usually generated by
external interference or by unforeseen logical conditions, which causes the application program to abandon its
normal sequence.
The watchdog circuit generates a device reset on expiry of a programmed time period, unless the program
refreshes the contents of the down-counter before the T6 bit becomes cleared.
A device reset is also generated when the 7-bit down-counter value (in the control register) is refreshed before the
down-counter reaches the window register value. This implies that the counter must be refreshed within a limited
window.
The WWDG clock is prescaled from the APB clock and has a configurable time window that can be programmed
to detect abnormally late or early application behavior.
The WWDG is best suited for applications that require the watchdog to react within an accurate timing window.
The main features of WWDG are:
•
Programmable free-running down-counter
•
Conditional reset:
–
Reset (if WWDG activated) when the down-counter value becomes lower than 0x40
–
Reset (if WWDG activated) if the down-counter is reloaded outside the window
STM32U385xx
Functional overview
DS14830 - Rev 2
page 42/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com