Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32U375VG Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 41Page - STMicroelectronics STM32U375VG Datasheet HTML 42Page - STMicroelectronics STM32U375VG Datasheet HTML 43Page - STMicroelectronics STM32U375VG Datasheet HTML 44Page - STMicroelectronics STM32U375VG Datasheet HTML 45Page - STMicroelectronics STM32U375VG Datasheet HTML 46Page - STMicroelectronics STM32U375VG Datasheet HTML 47Page - STMicroelectronics STM32U375VG Datasheet HTML 48Page - STMicroelectronics STM32U375VG Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 222 page
background image
Feature
MIPI® I3C
v1.1
I3C peripheral
Comments
When controller When target
Legacy I2C message (Fm/Fm+)
X
X
-
Mandatory when controller and the I3C
bus is mixed with (external) legacy I2C
target(s)
HDR DDR message
X
-
-
Optional in MIPI v1.1
HDR-TSL/TSP, HDR-BT
X
-
-
Optional in MIPI v1.1
Dynamic address assignment
X
X
X
-
Static address
X
X
-
No (intended) support of the peripheral
as a target on an I2C bus
Grouped addressing
X
X
-
Optional in MIPI v1.1
CCCs
X
X
X
Mandatory and some optional CCCs
supported
Error detection and recovery
X
X
X
-
In-band interrupt (with MDB)
X
X
X
-
Secondary controller
X
X
X
-
Hot-join mechanism
X
X
X
-
Target reset
X
X
X
-
Synchronous timing control
X
X
-
Optional in MIPI v1.1
Asynchronous timing control 0
X
X
-
Mandatory in MIPI v1.1 when controller
Optional in MIPI V1.1 when target
Asynchronous timing control 1,2,3
X
-
-
Optional in MIPI v1.1
Device to device tunneling
X
X
-
Optional in MIPI v1.1
Multilane data transfer
X
-
-
Optional in MIPI v1.1
Monitoring device early
termination
X
-
-
Optional in MIPI v1.1
3.35
Universal synchronous/asynchronous receiver transmitter (USART)
The devices have two embedded universal synchronous receiver transmitters (USART1 and USART3) and two
universal asynchronous receiver transmitters (UART4 and UART5).
The USART offers a flexible means to perform full-duplex data exchange with external equipment requiring an
industry standard NRZ asynchronous serial data format. A very wide range of baud rates can be achieved
through a fractional baud rate generator.
The USART supports both synchronous one-way and half-duplex single-wire communications, as well as LIN
(local interconnection network), Smartcard protocol, IrDA (infrared data association) SIR ENDEC specifications,
and modem operations (CTS/RTS). Multiprocessor communications are also supported.
High-speed data communications are possible by using the DMA (direct memory access) for multibuffer
configuration.
The USART main features are:
•
Full-duplex asynchronous communication
•
NRZ standard format (mark/space)
•
Configurable oversampling method by 16 or 8 to achieve the best compromise between speed and clock
tolerance
•
Baud rate generator systems
•
Two internal FIFOs for transmit and receive data
•
Each FIFO can be enabled/disabled by software and come with a status flag.
•
A common programmable transmit and receive baud rate
•
Dual-clock domain with dedicated kernel clock for peripherals independent from PCLK
STM32U375xx
Functional overview
DS14861 - Rev 2
page 45/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com