Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32U375VG Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 8Page - STMicroelectronics STM32U375VG Datasheet HTML 9Page - STMicroelectronics STM32U375VG Datasheet HTML 10Page - STMicroelectronics STM32U375VG Datasheet HTML 11Page - STMicroelectronics STM32U375VG Datasheet HTML 12Page - STMicroelectronics STM32U375VG Datasheet HTML 13Page - STMicroelectronics STM32U375VG Datasheet HTML 14Page - STMicroelectronics STM32U375VG Datasheet HTML 15Page - STMicroelectronics STM32U375VG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 222 page
background image
4. The flash main memory is erased when the RDP option byte changes from level 1 to level 0.
5. SWAP_BANK option bit can be modified.
6. OTP can only be written once.
7. The backup registers are erased when RDP changes from level 1 to level 0.
8. All SRAMs are erased when RDP changes from level 1 to level 0.
The whole nonvolatile memory embeds the error correction code (ECC) feature supporting:
•
Single-error detection and correction
•
Double-error detection
•
ECC fail address report
3.4.1
TrustZone® security
When the TrustZone® security is enabled through option bytes, the whole flash memory is secure after reset and
the following protections are available:
•
Nonvolatile watermark based secure flash memory area
The secure area can be accessed only in secure mode. One area per bank can be selected with a page
granularity.
•
Secure hide-protection area (HDP) and secure hide-protection extension area
It is part of the flash memory secure area and can be protected to deny access to this area by any data
read, write, and instruction fetch. For example, a software code in the secure flash memory hide-protection
area can be executed only once and deny any further access to this area until the next system reset. One
area per bank can be selected in the secure area. This area can be extended by pages that belong to the
secure area (HDP extension).
•
Volatile block based secure flash memory area
Each page can be programmed on-the-fly as secure or nonsecure.
3.4.2
Privilege protection
Each flash memory page can be programmed on the fly as privileged or unprivileged.
3.5
Embedded SRAM
The STM32U375xx devices feature 256 Kbytes of SRAM, made of several blocks that can be powered down in
Stop mode to reduce consumption:
•
SRAM1: 2 × 16 Kbytes + 5 × 32 Kbytes blocks (total 192 Kbytes)
•
SRAM2: 8 Kbytes + 24 Kbytes + 32 Kbytes blocks (total 64 Kbytes) with optional hardware parity check. In
addition, SRAM2 blocks can be retained in Standby mode.
3.5.1
TrustZone® security
When the TrustZone® security is enabled, all SRAMs are secure after reset. Both SRAMs can be programmed as
secure or nonsecure by blocks, using the MPCBB (block-based memory protection controller).
The granularity of SRAM secure block based is a page of 512 bytes.
3.5.2
Privilege protection
Both SRAMs can be programmed as privileged or unprivileged by blocks, using the MPCBB. The granularity of
SRAM privilege block based is a page of 512 bytes.
3.6
Boot modes
At startup, a BOOT0 pin, nBOOT0 and nSWBOOT0 option bits of the FLASH_OPTR register, and ADD[24:0]
option bytes of the FLASH_BOOT0R, FLASH_BOOT1R or FLASH_SBOOT0R registers are used to select the
boot memory address that includes:
•
Boot from any address in user flash memory.
•
Boot from the system memory bootloader.
•
Boot from any address in embedded SRAM.
•
Boot from RSS (root security services).
STM32U375xx
Functional overview
DS14861 - Rev 2
page 12/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com