Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OT80FT3 Datasheet(PDF) 2 Page - ABB

Part # OT80FT3
Description  1SCA105431R1001
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OT80FT3 Datasheet(HTML) 2 Page - ABB

  OT80FT3 Datasheet HTML 1Page - ABB OT80FT3 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Main Type:
Product Name:
Rated Impulse Withstand Voltage
(Uimp):
Rated Insulation Voltage (Ui):
Rated Operational Current AC-21A
(Ie):
Rated Operational Current AC-22A
(Ie):
Rated Operational Current AC-23A
(Ie):
Rated Operational Power AC-23A
(Pe):
Rated Operational Voltage:
Rated Short-time Withstand Current
(Icw):
Special Functions:
Standards:
Switches Operating Mechanism:
Terminal Type:
Tightening Torque:
Data Sheet, Technical Information:
Declaration of Conformity - CE:
RoHS Information:
E-nummer:
ETIM 5:
Object Classification Code:
OT80
Switch-disconnector
8 kV
750 V
(380 ... 415 V) 80 A
(500 V) 80 A
(690 V) 80 A
(500 V) 80 A
(380 ... 415 V) 80 A
(690 V) 80 A
(500 V) 58 A
(380 ... 415 V) 75 A
(690 V) 20 A
(500 V) 37 kW
(690 V) 18.5 kW
(400 V) 37 kW
(415 V) 37 kW
(220 ... 240 V) 22 kW
750 V
for 1 s 1 kiloampere rms
No
IEC 60947-3, UL 508 / CSA C22.2 NO.14
Mechanism on Top of the Switch
Screw Terminals
2 N·m
Certificates and Declarations (Document Number)
1SCC301020C0201
1SCC301167D2704
1SCC301183D0201
Classifications
3170948
EC000216 - Switch disconnector
Q



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com