Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OT80FT3 Datasheet(PDF) 1 Page - ABB

Part # OT80FT3
Description  1SCA105431R1001
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OT80FT3 Datasheet(HTML) 1 Page - ABB

  OT80FT3 Datasheet HTML 1Page - ABB OT80FT3 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
EAN:
Minimum Order Quantity:
Customs Tariff Number:
Product Net Width:
Product Net Height:
Product Net Depth:
Product Net Weight:
Package Level 1 Units:
Package Level 1 Width:
Package Level 1 Height:
Package Level 1 Length:
Package Level 1 Gross Weight:
Package Level 1 EAN:
RoHS Status:
Maximum Operating Voltage
UL/CSA:
Ampere Rating UL/CSA:
Horsepower Rating UL/CSA:
Tightening Torque UL/CSA:
Cable Cross-Section:
Conventional Free-air Thermal
Current (Ith):
Conventional Thermal Current (Ithe):
Dielectric Test Voltage:
Earthing Switch Type:
Handle Type:
IIT Publishing Status:
Includes:
Mounting Type:
Number of Poles:
Operating Mode:
Order Multiple:
Pollution Degree:
Position of Line Terminals:
Power Loss:
General Information
OT80FT3
1SCA105431R1001
6417019393667
OT80FT3 switch-disconnector
3-pole, front operated, door mounted switch-diconnector / non-fusible diconnect switch with
protected clamp terminals, handle is not included
Categories
Products
» Low Voltage Products and Systems » Switches » Switch Disconnectors
Ordering
6417019393667
10 piece
85365080
Dimensions
65 mm
72 mm
69 mm
0.28 kg
Container Information
1 piece
80 mm
76 mm
84 mm
0.28 kg
6417019393667
Environmental
Planned to follow EU Directive 2002/95/EC August 18, 2005 and amendment after 2009 Q3
Technical UL/CSA
600 V
80 A
(acc. to UL 200 V) 20 Hp
(acc. to UL 480 V) 40 Hp
(acc. to UL 208 V) 20 Hp
(acc. to UL 240 V) 20 Hp
(acc. to UL 600 V) 40 Hp
18 in·lb
Additional Information
1.5…35 mm²
1.5�35 mm²
q = 40 °C 80 A
Fully Enclosed 80 A
6000 V
No Additional Type
Handle and shaft not included
Level 0 - Information enabled
None
Door Mounting
3
Front Operated
10 piece
3
Top In - Bottom Out
at Rated Operating Conditions per Pole 4.5 W
at Rated Operating Conditions per Pole 2.8 W
OT80FT3


Similar Part No. - OT80FT3

ManufacturerPart #DatasheetDescription
logo
ABB
OT80FT3 ABB-OT80FT3 Datasheet
17Mb / 192P
Switch-disconnectors High performance, compact solution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com