Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AX88172ATF Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX88172ATF
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172ATF Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX88172ATF Datasheet HTML 14Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 15Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 16Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 17Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 18Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 19Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 20Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 21Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
ASIX ELECTRONICS CORPORATION
18
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
TXCLK
I5/PD
63
Transmit Clock. TXCLK is received from PHY to provide timing
reference for the transfer of TXD [3:0] and TXEN signals on transmit
direction of MII interface.
TXEN
O3
64
Transmit Enable. TXEN is asserted high to indicate a valid TXD [3:0]. It is
transitioned synchronously with respect to the rising edge of TXCLK.
TXD [3:0]
O3
59, 60,
61, 62
Transmit Data. TXD [3:0] is transitioned synchronously with respect to
the rising edge of TXCLK. Note TXD [3:2] are also used as Chip
Operation Mode selection pins; please refer to section 2.3 Settings.
MDC
O3/PD
44
Station management clock output to PHY. All data transferred on MDIO
are synchronized to the rising edge of this clock. The frequency of MDC is
1.5MHz.
MDIO
B5/PU
43
Station management data input/output. Serial data input/output transferred
from/to the PHYs. The transfer protocol conforms to the IEEE 802.3u MII
spec.
External Media Interface: PHY Mode with Reverse-MII Interface
TXCLK
O3/T
17
Transmit Clock. This clock is provided to supply to the TX_CLK of
externally connected Ethernet MAC device with MII. This pin is tri-stated
in isolate mode.
TXEN
I5/PD
18
Transmit enable. TXEN is asserted high to indicate a valid TXD [3:0]. It
should be driven synchronously with respect to the rising edge of TXCLK
by the externally connected Ethernet MAC device with MII.
TXD [3:0]
I5/PD
19, 20,
22, 23
Transmit Data. TXD [3:0] should be driven synchronously with respect to
the rising edge of TXCLK by the externally connected Ethernet MAC
device with MII.
CRS
O3/PD/T
31
Carrier Sense. CRS is asserted high by AX88172A when RXDV is
asserted high in Reverse-MII mode. This pin is tri-stated in isolate mode.
COL
O3/PD/T
32
Collision. COL is always driven low because AX88172A is operating in
100M/full-duplex mode internally in Reverse-MII mode. This pin is
tri-stated in isolate mode.
RXER
O3/PD/T
34
Receive Error. RXER is always driven low by AX88172A in Reverse-MII
mode. This pin is tri-stated in isolate mode.
RXCLK
O3/T
63
Receive clock. This clock is provided to supply to the RX_CLK of
externally connected Ethernet MAC device with MII. This pin is tri-stated
in isolate mode.
RXDV
O3/T
64
Receive Data Valid. RXDV is asserted high when valid data is present on
RXD [3:0]. It is transitioned synchronously with respect to RXCLK from
AX88172A to the externally connected Ethernet MAC device with MII.
This pin is tri-stated in isolate mode.
RXD [3:0]
O3/T
59, 60,
61, 62
Receive Data. RXD [3:0] is transitioned synchronously with respect to
RXCLK from AX88172A to the externally connected Ethernet MAC
device with MII. Note that RXD [3:2] are also used as Chip Operation
Mode selection pins. Please refer to section 2.3 Settings. These pins are
tri-stated in isolate mode.
MDC
I5/PD
44
Station Management clock input from the externally connected Ethernet
MAC device. All data transferred on MDIO are synchronized to the rising
edge of this clock.
MDIO
B5/PU
43
Station Management Data. Serial data input/output transferred from/to the
externally connected MAC device. The transfer protocol should conform
to the IEEE 802.3u MII spec.
External Media Interface: PHY Mode with Reverse-RMII Interface
REFCLK_I
I5
17
50Mhz +/-50ppm Reference clock input for RMII receive, transmit and
control signals. If externally connected Ethernet MAC device with RMII
can’t provide 50Mhz Reference clock to AX88172A, then user can
connect this pin to REFCLK_O and use REFCLK_O to supply clock to
the externally connected Ethernet MAC device at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com