Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AX88172ATF Datasheet(PDF) 19 Page - ASIX Electronics Corporation

Part # AX88172ATF
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172ATF Datasheet(HTML) 19 Page - ASIX Electronics Corporation

Back Button AX88172ATF Datasheet HTML 15Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 16Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 17Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 18Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 19Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 20Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 21Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 22Page - ASIX Electronics Corporation AX88172ATF Datasheet HTML 23Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
ASIX ELECTRONICS CORPORATION
19
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
TXEN
I5/PD
18
Transmit Enable from the externally connected Ethernet MAC device with
RMII.
TXD [1:0]
I5/PD
22, 23 Transmit Data from the externally connected Ethernet MAC device with
RMII.
NC
I5/PD
19, 20 NC
NC
O3/PD
31, 32 NC
RXER
O3/PD/T
34
Receive Error. RXER is always driven low by AX88172A in
Reverse-RMII mode. This pin is tri-stated in isolate mode.
MIS_1
I5/PD
59
External Media Interface Select 1. This is used as Chip Operation Mode
selection pin; please refer to section 2.3 Settings.
MIS_0
I5/PD
60
External Media Interface Select 0. This is used as Chip Operation Mode
selection pin; please refer to section 2.3 Settings.
REFCLK_O
O3
63
50Mhz Reference clock output. If the externally connected Ethernet MAC
device can’t supply 50Mhz reference clock, this clock can be used to
supply to the REF_CLK of externally connected Ethernet MAC device
with RMII and the REFCLK_I of this chip.
CRSDV
O3/T
64
Carrier Sense and Receive Data Valid to the externally connected Ethernet
MAC device with RMII. This pin is tri-stated in isolate mode.
RXD [1:0]
O3/T
61, 62 Receive Data to the externally connected Ethernet MAC device with
RMII. These pins are tri-stated in isolate mode.
MDC
I5/PD
44
Station Management clock input from the externally connected Ethernet
MAC device. All data transferred on MDIO are synchronized to the rising
edge of this clock.
MDIO
B5/PU
43
Station Management Data. Serial data input/output transferred from/to the
externally connected MAC device. The transfer protocol should conform
to the IEEE 802.3u MII spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com