Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLV2354MFKB Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV2354MFKB
Description  LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2354MFKB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2354MFKB Datasheet HTML 6Page - Texas Instruments TLV2354MFKB Datasheet HTML 7Page - Texas Instruments TLV2354MFKB Datasheet HTML 8Page - Texas Instruments TLV2354MFKB Datasheet HTML 9Page - Texas Instruments TLV2354MFKB Datasheet HTML 10Page - Texas Instruments TLV2354MFKB Datasheet HTML 11Page - Texas Instruments TLV2354MFKB Datasheet HTML 12Page - Texas Instruments TLV2354MFKB Datasheet HTML 13Page - Texas Instruments TLV2354MFKB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TLV2354, TLV2354Y
LinCMOS
™ QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
SLCS012C – MAY 1992 – REVISED AUGUST 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
0
100
0
0
100 200 300 400 500 600
3
HIGH-TO-LOW-LEVEL OUTPUT
PROPAGATION DELAY
FOR VARIOUS OVERDRIVE VOLTAGES
700 800 900 1000
tPHL – High-to-Low-Level Output
Propagation Delay Time – ns
VDD = 3 V
CL = 15 pF
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C
20 mV
10 mV
5 mV
Figure 6
0
100
0
0
100 200 300 400 500 600
3
700 800 900 1000
HIGH-TO-LOW-LEVEL OUTPUT
PROPAGATION DELAY
FOR VARIOUS CAPACITIVE LOADS
tPHL – High-to-Low-Level Output
Propagation Delay Time – ns
VDD = 3 V
Overdrive = 10 mV
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C
CL = 100 pF
CL = 15 pF
CL = 50 pF
Figure 7
0
100
0
0
100 200 300 400 500 600
3
LOW-TO-HIGH-LEVEL OUTPUT
PROPAGATION DELAY
FOR VARIOUS OVERDRIVE VOLTAGES
700 800 900 1000
tPLH – Low-to-High-Level Output
Propagation Delay Time – ns
VDD = 3 V
CL = 15 pF
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C
20 mV
10 mV
5 mV
Figure 8
0
100
0
0
100 200 300 400 500 600
3
700 800 900 1000
LOW-TO-HIGH-LEVEL OUTPUT
PROPAGATION DELAY
FOR VARIOUS CAPACITIVE LOADS
tPLH – Low-to-High-Level Output
Propagation Delay Time – ns
VDD = 3 V
Overdrive = 10 mV
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C
CL = 100 pF
CL = 50 pF
CL = 15 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com