Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLV2354MFKB Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV2354MFKB
Description  LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2354MFKB Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV2354MFKB Datasheet HTML 8Page - Texas Instruments TLV2354MFKB Datasheet HTML 9Page - Texas Instruments TLV2354MFKB Datasheet HTML 10Page - Texas Instruments TLV2354MFKB Datasheet HTML 11Page - Texas Instruments TLV2354MFKB Datasheet HTML 12Page - Texas Instruments TLV2354MFKB Datasheet HTML 13Page - Texas Instruments TLV2354MFKB Datasheet HTML 14Page - Texas Instruments TLV2354MFKB Datasheet HTML 15Page - Texas Instruments TLV2354MFKB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TLV2354, TLV2354Y
LinCMOS
™ QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
SLCS012C – MAY 1992 – REVISED AUGUST 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 10 illustrates a practical circuit for direct dc measurement of input offset voltage that does not bias the
comparator in the linear region. The circuit consists of a switching-mode servo loop in which U1a generates a
triangular waveform of approximately 20-mV amplitude. U1b acts as a buffer, with C2 and R4 removing any residual
dc offset. The signal is then applied to the inverting input of the comparator under test while the noninverting input
is driven by the output of the integrator formed by U1c through the voltage divider formed by R9 and R10. The loop
reaches a stable operating point when the output of the comparator under test has a duty cycle of exactly 50%, which
can only occur when the incoming triangle wave is sliced symmetrically or when the voltage at the noninverting input
exactly equals the input offset voltage.
Voltage dividers R9 and R10 provide a step up of the input offset voltage by a factor of 100 to make measurement
easier. The values of R5, R8, R9, and R10 can significantly influence the accuracy of the reading; therefore, it is
suggested that their tolerance level be 1% or lower.
Measuring the extremely low values of input current requires isolation from all other sources of leakage current and
compensation for the leakage of the test socket and board. With a good picoammeter, the socket and board leakage
can be measured with no device in the socket. Subsequently, this open-socket leakage value can be subtracted from
the measurement obtained with a device in the socket to obtain the actual input current of the device.
–
+
DUT
VDD
+
–
–
+
–
+
C2
1
µF
R4
47 k
Ω
R5
1.8 k
Ω, 1%
C3
0.68
µF
U1c 1/4
TLV2354
U1b 1/4
TLV2354
U1a 1/4
TLV2354
R7
1 M
Ω
R8
1.8 k
Ω, 1%
R9
10 k
Ω, 1%
R1
240 k
Ω
R2
10 k
Ω
C1
0.1
µF
R3
100
Ω
C4
0.1
µF
Integrator
R10
100
Ω, 1%
Buffer
Triangle
Generator
VIO
(
×100)
R6
5.1 k
Ω
Figure 10. Circuit for Input Offset Voltage Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com