Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA2416 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 15Page - STMicroelectronics STA2416 Datasheet HTML 16Page - STMicroelectronics STA2416 Datasheet HTML 17Page - STMicroelectronics STA2416 Datasheet HTML 18Page - STMicroelectronics STA2416 Datasheet HTML 19Page - STMicroelectronics STA2416 Datasheet HTML 20Page - STMicroelectronics STA2416 Datasheet HTML 21Page - STMicroelectronics STA2416 Datasheet HTML 22Page - STMicroelectronics STA2416 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
STA2416
Functional description
19/38
5.2
Integrated Flash memory
Features:
4-Mbit size
eight parameter blocks of 4 Kword (top configuration)
seven main blocks of 32 Kword
120 ns access time
See the datasheet for the standalone product M28R400CT for detailed information.
Figure 3.
Block addresses
5.2.1
Flash signal descriptions
Write protect (nwp)
Write protect is an input that gives an additional hardware protection for each block. When
Write Protect is
≤0.4V the Lock-Down is enabled and the protection status of the flash blocks
cannot be changed. When Write Protect is
≥ (VDDQ - 0.4V), the Lock-Down is disabled and
the flash memory blocks can be locked or unlocked.
Reset (nrp)
The Reset input provides a hardware reset of the memory. When Reset is
≤0.4V, the
memory is in reset mode: the outputs are high impedant and the current consumption is
minimized. After Reset all blocks are in Locked state. When Reset is
≥ (VDDQ - 0.4V), the
device is in normal operation. Exiting reset mode the device enters read array mode, but a
negative transition of Chip Enable or a change of the address is required to ensure valid
data outputs.
4 KWords
3FFFF
3F000
32 KWords
0FFFF
08000
32 KWords
07FFF
00000
M28R400CT
Top Boot Block Addresses
4 KWords
38FFF
38000
32 KWords
30000
37FFF
Total of 8
4 KWord Blocks
Total of 7
32 KWord Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com