| Electronic Components Datasheet Search |
|
STA2416 Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA2416 Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 38 page ![]() STA2416 Class1 power support 35/38 10 Class1 power support The chip can control an external power amplifier (PA). Several signals are duplicated on GPIOs for this purpose in order to avoid digital/analogue noise loops in the radio. A software controlled register enables the alternate functions of GPIO [15:11] [9:6]to generate the signals for driving an external PA in a Bluetooth™ class1 power application. Every bit enables a dedicated signal on a GPIO pin, as described in Table 13. The signal BRXEN is the same as the RX_ON output pin. The signal NOT_BRXEN is the inverted signal, in order to save components on the application board. PA7 to PA0 are the power amplifier control lines. They are managed, on a connection basis, by the baseband core. The Power Level programmed for a certain Bluetooth™ connection is managed by the firmware, as specified in the Bluetooth™ SIG spec. The WLAN signals, as described in Section 6.12: Bluetooth™ - WLAN coexistence in collocated scenario on page 25, can be enabled on GIPIO pins The WXTRA PCM sync signals, as described in Section 7.7: PCM voice interface on page 31, can be flexibly configured on GPIO pins to connect multiple codecs. Table 13. GPIOs alternate functionalities Involved GPIO Description GPIO0 No dedicated function GPIO1 WLAN 1 GPIO2 WLAN 2 GPIO3 WLAN 3 GPIO4 WLAN 4 GPIO5 (Used for USB reset pull.) GPIO6 Power Class 1 RX_ON GPIO7 Power Class 1 NOT_RXON GPIO8 Power Class 1 PA0 or PCM sync 1 GPIO9 Power Class 1 PA1 or PCM sync 2 GPIO11 Power Class 1 PA3 GPIO12 Power Class 1 PA4 GPIO13 Power Class 1 PA5 GPIO14 Power Class 1 PA6 GPIO15 Power Class 1 PA7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |