Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AVLAW900FSMEVAL Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AVLAW900FSMEVAL
Description  900 MHz Ethernet and Serial Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVLAW900FSMEVAL Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AVLAW900FSMEVAL Datasheet HTML 1Page - Infinite Electronics International, Inc. AVLAW900FSMEVAL Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Screen Captures:
Web Browser-based
Management Tools
EVALUATION KIT
AW900FSM, AW900FSM-EVAL
Product Brief
900 MHz Ethernet and Serial Module
This robust and reliable product allows you to build non-line-of-sight, point-to-point
and point-to-multipoint wireless Ethernet connections that connect “fringe” IP devices,
including IP access control readers, remote printers, remote PCs, VoIP phones, point-
of-sale devices, digital signage or industrial control devices.
The same technology that is used in our popular AW900FS is here made available to you
in an assembled and tested module for easy integration into your own products. Get
started with the Evaluation Kit that provides two modules and everything you need to
begin testing and development. Then when you are ready to deploy, buy the modules
in packs of ten or call AvaLAN Sales for larger quantity pricing.
AvaLAN’s products offer the ideal combination of price, range, data rate, security,
interference avoidance, quality-of-service, and a simple plug and play set up with
minimal user programming required.
• FIPS 140-2 Level 2 validated data security - NERC CIP
• Built-in spectrum analyzer
• Remote diagnostics and link analysis with browser
interface
• Module can be configured as an access point or sub-
scriber unit
• Install up to 16 clients per access point and can
operate up to 12 access points, each on its own non-
overlapping channel
• High RF output power provides maximum foliage
and/or wall penetration
• Line-of-sight range up to 40 miles with 15 dBi
antenna
• Evaluation kit available providing two modules and
everything you need for engineering evaluation and
development
www.avalanwireless.com
Corporate headquarters
:: (866) 533.6216
Technical support
:: (650) 384.0000
• AW900FSM Radio Modules
• AW2-900 2.5 dBi Omnidirectional Antennas
• AW-P8 8” Antenna to Radio Pigtail Cables
• AW-POE Power Over Ethernet Injectors
• 110 VAC to 12 VDC power adapters


Similar Part No. - AVLAW900FSMEVAL

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AVLAW900FSM10 L-COM-AVLAW900FSM10 Datasheet
1Mb / 2P
900 MHz Ethernet and Serial Module
06.27.2013
More results

Similar Description - AVLAW900FSMEVAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT48810 ATMEL-AT48810 Datasheet
31Kb / 5P
900 MHz Spread- Spectrum RF Module
logo
List of Unclassifed Man...
EM120 ETC1-EM120 Datasheet
216Kb / 7P
Ethernet-to-serial Module
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
NEPORT ETC2-NEPORT_1 Datasheet
1Mb / 77P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
logo
Skyworks Solutions Inc.
SKY65329-NP SKYWORKS-SKY65329-NP Datasheet
800Kb / 13P
900 MHz Front-End Module
logo
Johanson Technology Inc...
0900BL18B200 JOHANSON-0900BL18B200 Datasheet
141Kb / 2P
900 MHz Balun
logo
Murata Manufacturing Co...
WIT910M MURATA-WIT910M Datasheet
221Kb / 3P
900 MHz FHSS Transceiver Module
WIT910M2 MURATA-WIT910M2 Datasheet
374Kb / 2P
900 MHz FHSS Transceiver Module
logo
List of Unclassifed Man...
TRW-HP9M2W ETC2-TRW-HP9M2W Datasheet
1Mb / 31P
Hi Power 2W 900 MHz Transceiver Module
logo
Murata Manufacturing Co...
LG90E MURATA-LG90E Datasheet
1Mb / 6P
900 MHz FHSS DNT90/Ethernet Gateway
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com