Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AVLAW900FSMEVAL Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AVLAW900FSMEVAL
Description  900 MHz Ethernet and Serial Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVLAW900FSMEVAL Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AVLAW900FSMEVAL Datasheet HTML 1Page - Infinite Electronics International, Inc. AVLAW900FSMEVAL Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Physical Dimensions
Technical specifications
AW900FSM-EVAL
AW900FSM-10
900 MHz RF to Ethernet Module Evaluation Kit
900 MHz RF to Ethernet Module 10-Pak
Contents:
• (2) AW900FSM Radio Modules
• (2) AW2-900 2.5 dBi Omnidirectional Antennas
• (2) AW-P8 8” Antenna to Radio Pigtail Cables
• (2) AW-POE Power Over Ethernet Injectors
• (2) 110 VAC to 12 VDC power adapters
Contents:
• (10) AW900FSM Radio Modules
Ordering Information
© AvaLAN Wireless Systems Incorporated. All rights reserved. AvaLAN Wireless and the AvaLAN Wireless logo are registered trademarks of AvaLAN Wireless Systems Incorporated. All other trademarks are property of their respective owners.
AvaLAN Wireless makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time
without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual property rights is granted by this document. Particular uses or applications may invalidate some of the specifications and/or product
descriptions contained herein. The customer is urged to perform its own engineering review before deciding on a particular application. AvaLAN Wireless products are not designed for use in medical, life saving, or life sustaining applications.
Copyright
:: AvaLAN Wireless Systems Inc. :: All rights reserved
06.27.2013
Front
Back
CHARACTERISTIC
SPECIFICATION/DESCRIPTION
RF Data Rate
200 kbps
Frequency Range
902.75 MHz to 927.25 MHz
Transmit Power
Selectable from 1 mW to 1 W
Receiver Sensitivity
-98 dBm at 10-5 BER
Access Scheme
TDMA, up to 16 Subscriber Units per Access Point with deterministic latency
Modulation/Spreading
FSK - FHSS
Range
Line-of-sight range up to 60 miles with directional antennas, 5 miles with included omnidirectional antenna
Browser Management Tools
Data Communication Statistics, Network Settings, Transmit Power
Data Security
FIPS 140-2 Level 2 Validated (Certificate #1452)
Operating Environment
-40ºC to +70ºC
Ethernet Data Interface
10/100baseT
Serial Data Interface
Programmable RS-232 or RS-485, baud rate up to 115,200
Connectors
RJ-45 for Ethernet, RJ-45 for Serial, P5 and Phoenix for Power, Mini-USB for Encryption Settings
Power System
802.3af 48 VDC Power Over Ethernet or 5-30 VDC through power connectors
Power Consumption
When transmitting at +30 dBm: 6.7 Watts
When receiving: 1.0 Watts
Antenna
RPTNC Connector, 50 Ohm Impedance. 2.5 dBi flexible omnidirectional antenna included.
Warranty
1 Year Parts & Labor, XTRa-Care Extended Warranty 2 Year Extension available at nominal cost
Certification
FCC, IC certified
100 mm
89 mm
17mm
7mm
Configuration
DIP Switches
Serial RJ-45 Jack
P5 Power Jack
Module is
23 mm Thick
including components
3 mm diameter
mounting holes
RJ-45 Ethernet Jack
17mm
3m
10mm
3m
18mm
9mm
17mm
2 Wire Screw
Terminal
LCD Display
Mini USB Port
100 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com