Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

INA270 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA270
Description  INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA270 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA270 Datasheet HTML 13Page - Texas Instruments INA270 Datasheet HTML 14Page - Texas Instruments INA270 Datasheet HTML 15Page - Texas Instruments INA270 Datasheet HTML 16Page - Texas Instruments INA270 Datasheet HTML 17Page - Texas Instruments INA270 Datasheet HTML 18Page - Texas Instruments INA270 Datasheet HTML 19Page - Texas Instruments INA270 Datasheet HTML 20Page - Texas Instruments INA270 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
R
S
0.1 F
m
V+>3V
Load
-
16Vto+80V
Supply
Negative
and
Positive
Common-Mode
Voltage
I
L
A1
A2
Single-PoleFilter
Capacitor
5kW
5kW
96kW
R
L
PREOUT
BUFIN
GND
OUT
IN-
IN+
V+
INA270,INA271
74HC04
17
INA270, INA271
www.ti.com
SBOS381E – FEBRUARY 2007 – REVISED JANUARY 2018
Product Folder Links: INA270 INA271
Submit Documentation Feedback
Copyright © 2007–2018, Texas Instruments Incorporated
10 Power Supply Recommendations
The input circuitry of the INA270 and INA271 can accurately measure beyond its power-supply voltage, V+. For
example, the V+ power supply can be 5 V, whereas the load power-supply voltage is up to +80 V. The output
voltage range of the OUT terminal, however, is limited by the voltages on the power-supply pin.
10.1 Shutdown
The INA270 and INA271 do not provide a shutdown pin; however, because these devices consume a quiescent
current less than 1 mA, they can be powered by either the output of logic gates or by transistor switches to
supply power. Driving the gate low shuts down the INA270 and INA271. Use a totem-pole output buffer or gate
that can provide sufficient drive along with a 0.1-μF bypass capacitor, preferably ceramic with good high-
frequency characteristics. This gate must have a supply voltage of 3 V or greater because the INA270 and
INA271 require a minimum supply greater than 2.7 V. In addition to eliminating quiescent current, this gate also
turns off the 10-μA bias current present at each of the inputs. Note that the IN+ and IN– inputs are able to
withstand full common-mode voltage under all powered and under-powered conditions. An example shutdown
circuit is shown in Figure 22.
Figure 22. INA270–INA271 Example Shutdown Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com