Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

INA270 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA270
Description  INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA270 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA270 Datasheet HTML 6Page - Texas Instruments INA270 Datasheet HTML 7Page - Texas Instruments INA270 Datasheet HTML 8Page - Texas Instruments INA270 Datasheet HTML 9Page - Texas Instruments INA270 Datasheet HTML 10Page - Texas Instruments INA270 Datasheet HTML 11Page - Texas Instruments INA270 Datasheet HTML 12Page - Texas Instruments INA270 Datasheet HTML 13Page - Texas Instruments INA270 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
A1
A2
PRE OUT
BUF IN
GND
OUT
IN
IN+
V+
10
INA270, INA271
SBOS381E – FEBRUARY 2007 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: INA270 INA271
Submit Documentation Feedback
Copyright © 2007–2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The INA270 and INA271 family of current-shunt monitors with voltage output can sense drops across current
shunts at common-mode voltages from –16 V to +80 V, independent of the supply voltage. The INA270 and
INA271 pinouts readily enable filtering.
The INA270 and INA271 are available with two output voltage scales: 14 V/V and 20 V/V. The 130-kHz
bandwidth simplifies use in current-control loops.
The INA270 and INA271 operate from a single +2.7-V to +18-V supply, drawing a maximum of 900 μA of supply
current. The devices are specified over the extended operating temperature range of –40°C to +125°C and are
offered in an SOIC-8 package.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com