Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LPC2917 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 38Page - NXP Semiconductors LPC2917 Datasheet HTML 39Page - NXP Semiconductors LPC2917 Datasheet HTML 40Page - NXP Semiconductors LPC2917 Datasheet HTML 41Page - NXP Semiconductors LPC2917 Datasheet HTML 42Page - NXP Semiconductors LPC2917 Datasheet HTML 43Page - NXP Semiconductors LPC2917 Datasheet HTML 44Page - NXP Semiconductors LPC2917 Datasheet HTML 45Page - NXP Semiconductors LPC2917 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
42 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
Generation of 10 and 2 test-base clocks, selectable from several embedded clock
sources
Crystal oscillator with power-down
Control PLL with power-down
Very low-power ring oscillator, always on to provide a ’safe clock’
Seven fractional clock dividers with L/D division
Individual source selector for each base clock, with glitch-free switching
Autonomous clock-activity detection on every clock source
Protection against switching to invalid or inactive clock sources
Embedded frequency counter
Register write-protection mechanism to prevent unintentional alteration of clocks
Remark: Any clock-frequency adjustment has a direct impact on the timing of on-board
peripherals such as the UARTs, SPI, watchdog, timers, CAN controller, LIN master
controller, ADCs or flash-memory interface.
8.8.4.2
Description
The clock generation unit provides 10 internal clock sources as described in Table 23.
[1]
Maximum frequency that guarantees stable operation of the LPC2917/19.
[2]
Fixed to low-power oscillator.
For generation of these base clocks, the CGU consists of primary and secondary clock
generators and one output generator for each base clock.
Table 23.
CGU base clocks
Number Name
Frequency
(MHz) [1]
Description
0
BASE_SAFE_CLK
0.4
Base safe clock (always on)
1
BASE_SYS_CLK
80
Base system clock
2
BASE_PCR_CLK
0.4 [2]
Base PCR subsystem clock
3
BASE_IVNSS_CLK
80
Base IVNSS subsystem clock
4
BASE_MSCSS_CLK
80
Base MSCSS subsystem clock
5
BASE_UART_CLK
80
Base UART clock
6
BASE_SPI_CLK
40
Base SPI clock
7
BASE_TMR_CLK
80
Base timers clock
8
BASE_ADC_CLK
4.5
Base ADCs clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com