Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LPC2917 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 47Page - NXP Semiconductors LPC2917 Datasheet HTML 48Page - NXP Semiconductors LPC2917 Datasheet HTML 49Page - NXP Semiconductors LPC2917 Datasheet HTML 50Page - NXP Semiconductors LPC2917 Datasheet HTML 51Page - NXP Semiconductors LPC2917 Datasheet HTML 52Page - NXP Semiconductors LPC2917 Datasheet HTML 53Page - NXP Semiconductors LPC2917 Datasheet HTML 54Page - NXP Semiconductors LPC2917 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
51 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
Interrupt-request masking is performed individually per interrupt target by comparing the
priority level assigned to a specific interrupt request with a target-specific priority
threshold. The priority levels are defined as follows:
Priority level 0 corresponds to ‘masked’ (i.e. interrupt requests with priority 0 never
lead to an interrupt)
Priority 1 corresponds to the lowest priority
Priority 15 corresponds to the highest priority
Software interrupt support is provided and can be supplied for:
Testing RTOS interrupt handling without using device-specific interrupt service
routines
Software emulation of an interrupt-requesting device, including interrupts
8.9.3 VIC pin description
The VIC module in the LPC2917/19 has no external pins.
8.9.4 VIC clock description
The VIC is clocked by CLK_SYS_VIC, see Section 7.2.2.
9.
Limiting values
Table 28.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Supply pins
Ptot
Total power dissipation.
[1] -1
W
VDD(CORE)
Core supply voltage.
−0.5
+2.0
V
VDD(OSC_PLL)
Oscillator and PLL supply
voltage.
−0.5
+2.0
V
VDD(ADC3V3)
3.3 V ADC supply voltage.
−0.5
+4.6
V
VDD(IO)
I/O digital supply voltage.
−0.5
+4.6
V
IDD
Supply current.
Average value per supply
pin.
[2] -98
mA
ISS
Ground current.
Average value per ground
pin.
[2] -98
mA
Input pins and I/O pins
VXIN_OSC
Voltage on pin XIN_OSC.
−0.5
+2.0
V
VXIN_RTC
Voltage on pin XIN_RTC.
−0.5
+2.0
V
VI(IO)
I/O input voltage.
[3][4][5]
−0.5
VDD(IO) +3.0
V
VI(ADC)
ADC input voltage.
I/O port 0.
[4][5]
−0.5
VDD(ADC3V3) +0.5
V
VVREFP
Voltage on pin VREFP.
−0.5
+3.6
V
VVREFN
Voltage on pin VREFN.
−0.5
+3.6
V
II(ADC)
ADC input current.
Average value per input pin.
[2] -35
mA
Output pins and I/O pins configured as output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com