Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S25FL256SDPNFAQ Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 11Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 12Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 13Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 14Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 15Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 16Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 17Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 18Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 14 of 148
S25FL128S/S25FL256S
3.2
Command Protocol
All communication between the host system and S25FL128S and S25FL256S memory devices is in the form of units called
commands.
All commands begin with an instruction that selects the type of information transfer or device operation to be performed. Commands
may also have an address, instruction modifier, latency period, data transfer to the memory, or data transfer from the memory. All
instruction, address, and data information is transferred serially between the host system and memory device.
All instructions are transferred from host to memory as a single bit serial sequence on the SI signal.
Single bit wide commands may provide an address or data sent only on the SI signal. Data may be sent back to the host serially on
the SO signal.
Dual or Quad Output commands provide an address sent to the memory only on the SI signal. Data will be returned to the host as a
sequence of bit pairs on IO0 and IO1 or four bit (nibble) groups on IO0, IO1, IO2, and IO3.
Dual or Quad Input/Output (I/O) commands provide an address sent from the host as bit pairs on IO0 and IO1 or, four bit (nibble)
groups on IO0, IO1, IO2, and IO3. Data is returned to the host similarly as bit pairs on IO0 and IO1 or, four bit (nibble) groups on IO0,
IO1, IO2, and IO3.
Commands are structured as follows:
Each command begins with CS# going low and ends with CS# returning high. The memory device is selected by the host driving
the Chip Select (CS#) signal low throughout a command.
The serial clock (SCK) marks the transfer of each bit or group of bits between the host and memory.
Each command begins with an eight bit (byte) instruction. The instruction is always presented only as a single bit serial sequence
on the Serial Input (SI) signal with one bit transferred to the memory device on each SCK rising edge. The instruction selects the
type of information transfer or device operation to be performed.
The instruction may be stand alone or may be followed by address bits to select a location within one of several address spaces
in the device. The instruction determines the address space used. The address may be either a 24-bit or a 32-bit byte boundary,
address. The address transfers occur on SCK rising edge, in SDR commands, or on every SCK edge, in DDR commands.
The width of all transfers following the instruction are determined by the instruction sent. Following transfers may continue to be
single bit serial on only the SI or Serial Output (SO) signals, they may be done in two bit groups per (dual) transfer on the IO0 and
IO1 signals, or they may be done in 4 bit groups per (quad) transfer on the IO0-IO3 signals. Within the dual or quad groups the
least significant bit is on IO0. More significant bits are placed in significance order on each higher numbered IO signal. SIngle bits
or parallel bit groups are transferred in most to least significant bit order.
Some instructions send an instruction modifier called mode bits, following the address, to indicate that the next command will be
of the same type with an implied, rather than an explicit, instruction. The next command thus does not provide an instruction byte,
only a new address and mode bits. This reduces the time needed to send each command when the same command type is
repeated in a sequence of commands. The mode bit transfers occur on SCK rising edge, in SDR commands, or on every SCK
edge, in DDR commands.
The address or mode bits may be followed by write data to be stored in the memory device or by a read latency period before
read data is returned to the host.
Write data bit transfers occur on SCK rising edge, in SDR commands, or on every SCK edge, in DDR commands.
SCK continues to toggle during any read access latency period. The latency may be zero to several SCK cycles (also referred to
as dummy cycles). At the end of the read latency cycles, the first read data bits are driven from the outputs on SCK falling edge at
the end of the last read latency cycle. The first read data bits are considered transferred to the host on the following SCK rising
edge. Each following transfer occurs on the next SCK rising edge, in SDR commands, or on every SCK edge, in DDR commands.
If the command returns read data to the host, the device continues sending data transfers until the host takes the CS# signal high.
The CS# signal can be driven high after any transfer in the read data sequence. This will terminate the command.
At the end of a command that does not return data, the host drives the CS# input high. The CS# signal must go high after the
eighth bit, of a stand alone instruction or, of the last write data byte that is transferred. That is, the CS# signal must be driven high
when the number of clock cycles after CS# signal was driven low is an exact multiple of eight cycles. If the CS# signal does not go
high exactly at the eight SCK cycle boundary of the instruction or write data, the command is rejected and not executed.
All instruction, address, and mode bits are shifted into the device with the Most Significant Bits (MSB) first. The data bits are
shifted in and out of the device MSB first. All data is transferred in byte units with the lowest address byte sent first. Following
bytes of data are sent in lowest to highest byte address order i.e. the byte address increments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com