Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S25FL256SDPNFAQ Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 18Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 19Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 20Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 21Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 22Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 23Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 24Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 25Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 21 of 148
S25FL128S/S25FL256S
3.3.14 QPP or QOR Address Input Cycle
The Quad Page Program and Quad Output Read commands send address to the memory only on IO0. The other IO signals are
ignored because the device must be in Quad mode for these commands thus the Hold and Write Protect features are not active. The
host keeps RESET# high, CS# low, and drives IO0.
For QPP the next interface state following the delivery of address is the Quad Input Cycle.
For QOR the next interface state following address is a Quad Latency Cycle if there are latency cycles needed or Quad Output
Cycle if no latency is required.
3.3.15 Quad Input Cycle - Host to Memory Transfer
The Quad I/O Read command transfers four address or mode bits to the memory in each cycle. The Quad Page Program command
transfers four data bits to the memory in each cycle. The host keeps RESET# high, CS# low, and drives the IO signals.
For Quad I/O Read the next interface state following the delivery of address and mode bits is a Quad Latency Cycle if there are
latency cycles needed or Quad Output Cycle if no latency is required. For Quad Page Program the host returns CS# high following
the delivery of data to be programmed and the interface returns to standby state.
3.3.16 Quad Latency (Dummy) Cycle
Read commands may have zero to several latency cycles during which read data is read from the main flash memory array before
transfer to the host. The number of latency cycles are determined by the Latency Code in the configuration register (CR[7:6]). During
the latency cycles, the host keeps RESET# high, CS# low. The host may drive the IO signals during these cycles or the host may
leave the IO floating. The memory does not use any data driven on IO during the latency cycles. The host must stop driving the IO
signals on the falling edge at the end of the last latency cycle. It is recommended that the host stop driving them during all latency
cycles so that there is sufficient time for the host drivers to turn off before the memory begins to drive at the end of the latency
cycles. This prevents driver conflict between host and memory when the signal direction changes. The memory does not drive the IO
signals during the latency cycles.
The next interface state following the last latency cycle is a Quad Output Cycle.
3.3.17 Quad Output Cycle - Memory to Host Transfer
The Quad Output Read and Quad I/O Read return data to the host four bits in each cycle. The host keeps RESET# high, and CS#
low. The memory drives data on IO0-IO3 signals during the Quad output cycles.
The next interface state continues to be Quad Output Cycle until the host returns CS# to high ending the command.
3.3.18 DDR Single Input Cycle - Host to Memory Transfer
The DDR Fast Read command sends address, and mode bits to the memory only on the IO0 signal. One bit is transferred on the
rising edge of SCK and one bit on the falling edge in each cycle. The host keeps RESET# high, and CS# low. The other IO signals
are ignored by the memory.
The next interface state following the delivery of address and mode bits is a DDR Latency Cycle.
3.3.19 DDR Dual Input Cycle - Host to Memory Transfer
The DDR Dual I/O Read command sends address, and mode bits to the memory only on the IO0 and IO1 signals. Two bits are
transferred on the rising edge of SCK and two bits on the falling edge in each cycle. The host keeps RESET# high, and CS# low.
The IO2 and IO3 signals are ignored by the memory.
The next interface state following the delivery of address and mode bits is a DDR Latency Cycle.
3.3.20 DDR Quad Input Cycle - Host to Memory Transfer
The DDR Quad I/O Read command sends address, and mode bits to the memory on all the IO signals. Four bits are transferred on
the rising edge of SCK and four bits on the falling edge in each cycle. The host keeps RESET# high, and CS# low.
The next interface state following the delivery of address and mode bits is a DDR Latency Cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com