Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCE5742 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SCE5742
Description  Dot Addressable Intelligent Display짰 Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5742 Datasheet(HTML) 1 Page - OSRAM GmbH

  SCE5742 Datasheet HTML 1Page - OSRAM GmbH SCE5742 Datasheet HTML 2Page - OSRAM GmbH SCE5742 Datasheet HTML 3Page - OSRAM GmbH SCE5742 Datasheet HTML 4Page - OSRAM GmbH SCE5742 Datasheet HTML 5Page - OSRAM GmbH SCE5742 Datasheet HTML 6Page - OSRAM GmbH SCE5742 Datasheet HTML 7Page - OSRAM GmbH SCE5742 Datasheet HTML 8Page - OSRAM GmbH SCE5742 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SCE574x
0.180’’ 4-Character 5x7 Dot Matrix Serial Input
Dot Addressable Intelligent Display® Devices
SCE574xP-SIP
SCE574xQ-SIP with right angle bends
2006-03-30
1
Lead (Pb) Free Product / RoHS Compliant
Standard Red SCE5740
Yellow SCE5741
Super-red SCE5742
Green
SCE5743
High Efficiency Green SCE5744
Orange SCE5745
DESCRIPTION
The SCE574x is a four digit, dot addressable 5 x 7 dot
matrix, serial input, alphanumeric Intelligent Display
device. The four digits are packaged in a rugged, high
quality, optically transparent, plastic 14 pin DIP with
2.54 mm (0.1") pin spacing.
The SCE574xP is a SIP version of SCE574x. The
SCE574xQ is also a SIP version of the SCE574x but the
leads are at right angles to the package so that the part
can be mounted vertically. The SIP version parts have
only 7 pins. The SIP parts do not have the option of using
an external clock. All the electrical descriptions for the
SCE574x apply to the SIP versions except the allusions
to the external clock.
The on-Board CMOS has a 140 bit RAM, one bit associ-
ated with one LED, each to generate User Defined Char-
acters. In Power Down Mode, quiescent current
is < 50 µA.
The SCE574x is designed for work with the serial port of
most common microprocessors. Data is transferred into
the display through the Serial Data Input (DATA), clocked
by the Serial Data Clock (SDCLK), and enabled by the
Load Input (LOAD).
The SCE574x Clock I/O (Clk I/O) and Clock Select (CLK-
SEL) pins offer the user the capability to supply a high
speed external multiplex clock. This feature can minimize
audio in-band interference for portable communication
equipment or eliminate the visual synchronization effects
found in high vibration environments such as avionic
equipment.
A divide by 16 prescalar is built into the part and can be
accessed by software to reduce the multiplex frequency if
a high speed external clock is used.
ALSO AVAILABLE WITH OPTIONS
(see page 8)
SCE574xP-SIP
SCE574xQ-SIP with right angle bends
FEATURES
Four 4.57 mm (0.180") 5 x 7 Dot Matrix Characters in
Red, Yellow, Super-red, Green, High Efficiency Green,
Orange
Optimum Display Surface Efficiency
(display area to package ratio)
High Speed Data Input Rate: 5.0 MHz
ROMless Serial Input, Dot Addressable Display
Ideal for User Defined Characters
Built-in Decoders, Multiplexers and LED Drivers
Wide Viewing Angle, X Axis ± 55°, Y Axis ± 55°
ATTRIBUTES
– 140 Bit RAM for User Defined Characters
– Eight Dimming Levels plus eight fine dimming lev-
els.
– Power Down Model (< 250 mW)
– Hardware/Software Clear Functions
– External Clock-SCE574x only


Similar Part No. - SCE5742

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SCE5780 OSRAM-SCE5780 Datasheet
777Kb / 15P
Serial Input Dot Addressable Intelligent Display짰 Devices
SCE5781 OSRAM-SCE5781 Datasheet
777Kb / 15P
Serial Input Dot Addressable Intelligent Display짰 Devices
SCE5782 OSRAM-SCE5782 Datasheet
777Kb / 15P
Serial Input Dot Addressable Intelligent Display짰 Devices
SCE5783 OSRAM-SCE5783 Datasheet
777Kb / 15P
Serial Input Dot Addressable Intelligent Display짰 Devices
SCE5784 OSRAM-SCE5784 Datasheet
777Kb / 15P
Serial Input Dot Addressable Intelligent Display짰 Devices
More results

Similar Description - SCE5742

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
SCD5580 SIEMENS-SCD5580 Datasheet
114Kb / 15P
Serial Input Dot Addressable Intelligent Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
OSRAM GmbH
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
5x7 Dot Matrix Intelligent Display
SCE5780 OSRAM-SCE5780 Datasheet
777Kb / 15P
Serial Input Dot Addressable Intelligent Display짰 Devices
SCD55100A OSRAM-SCD55100A Datasheet
699Kb / 17P
Dot Addressable Intelligent Display짰 Devices
logo
Gamewell-FCI by Honeywe...
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
Intelligent Addressable Plug-In Ionization Smoke Detector
SS-T GAMEWELL-FCI-SS-T Datasheet
88Kb / 2P
Intelligent Addressable Plug-In Thermal (Heat) Detectors
logo
OSRAM GmbH
Q68000A8643 OSRAM-Q68000A8643 Datasheet
416Kb / 10P
X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
HSDP2110S OSRAM-HSDP2110S Datasheet
977Kb / 16P
Alphanumeric Intelligent Display Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com