Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCE5742 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SCE5742
Description  Dot Addressable Intelligent Display짰 Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5742 Datasheet(HTML) 4 Page - OSRAM GmbH

  SCE5742 Datasheet HTML 1Page - OSRAM GmbH SCE5742 Datasheet HTML 2Page - OSRAM GmbH SCE5742 Datasheet HTML 3Page - OSRAM GmbH SCE5742 Datasheet HTML 4Page - OSRAM GmbH SCE5742 Datasheet HTML 5Page - OSRAM GmbH SCE5742 Datasheet HTML 6Page - OSRAM GmbH SCE5742 Datasheet HTML 7Page - OSRAM GmbH SCE5742 Datasheet HTML 8Page - OSRAM GmbH SCE5742 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SCE5740, SCE5741, SCE5742, SCE5743, SCE5744, SCE5745
2006-03-30
4
Input/Output Circuits
Figures „Inputs“ and „Clock I/O“ show the input and output resis-
tor/diode networks used for ESD protection and to eliminate sub-
strate latch-up caused by input voltage over/under shoot.
Inputs
Clock I/O (SCE574X only)
Electrical Characteristics (over operating temperature)
Parameter
Min.
Typ.
Max.
Units
Conditions
V
CC
4.5
5.0
5.5
V
ICC (Power Down)
1) 2)
50
µA
VCC=5.0 V, all inputs=0 V or VCC
ICC 4 digits 20 dots/character
3)
90
115
130
mA
VCC=5.0 V, “#” displayed in all 4 digits
at 100% brightness at 25
°C
IIL Input current
–10
µA
VCC=5.0 V, VIN=0 (all inputs)
IIH Input current
10
µA
VCC=VIN=5.0 V (all inputs)
V
IH
3.5
V
V
CC=4.5 V to 5.5 V
VIL
1.5
V
VCC=4.5 V to 5.5 V
Row Multiplex Rate
375
768
1086
Hz
θ
JC-pin
45
°C/W
Notes:
1)
Unused inputs must be tied high.
2)
External oscillator must be stopped.
3)
Peak current
5/
3 x ICC.
Electrical Characteristics for SCE574x only
Parameter
Min.
Typ.
Max.
Units
Conditions
IOH (CLK I/O)
–28
mA
VCC=4.5 V, VOH=2.4 V
IOL (CLK I/O)
23
mA
VCC=4.5 V, VOL=0.4 V
F
ext External Clock Input
Frequency
120
3
MHz
VCC=5.0 V, CLKSEL=0
F
osc Internal Clock Input
Frequency
120
347
kHz
VCC=5.0 V, CLKSEL=1
Clock I/O Bus Loading
240
pF
Clock Out Rise Time
500
ns
VCC=4.5 V, VOH=2.4 V
Clock Out Fall Time
500
ns
VCC=4.5 V, VOH=0.4 V
IDCD5021
GND
1 k
Input
CC
V
VCC
1 K
GND
input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com