Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM6680ATR Datasheet(PDF) 41 Page - STMicroelectronics

Part # PM6680ATR
Description  Dual synchronous step-down controller with adjustable output voltages plus LDO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680ATR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button PM6680ATR Datasheet HTML 37Page - STMicroelectronics PM6680ATR Datasheet HTML 38Page - STMicroelectronics PM6680ATR Datasheet HTML 39Page - STMicroelectronics PM6680ATR Datasheet HTML 40Page - STMicroelectronics PM6680ATR Datasheet HTML 41Page - STMicroelectronics PM6680ATR Datasheet HTML 42Page - STMicroelectronics PM6680ATR Datasheet HTML 43Page - STMicroelectronics PM6680ATR Datasheet HTML 44Page - STMicroelectronics PM6680ATR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
PM6680A
Design guidelines
41/48
Equation 37
We choose standard value L=4.7
µH.
∆I
L(max) = 0.886 A @VIN =24 V.
ILRMS = 2.523 A
Ipeak = 2.5 A + 0.58 A = 3.83 A
2.
Output capacitor selection
We would like to have an output ripple smaller than 25 mV.
OUT1: POSCAP 4TPE150MI
OUT2: POSCAP 6TPE220M
3.
Power MOSFETs
OUT1:High side: STS5NF60L
Low side: STS7NF60L
OUT2:High side: STS5NF60L
Low side: STS7NF60L
4.
Current limit
OUT1:
Equation 38
Equation 39
(Let's assume the maximum temperature Tmax = 75 °C in RDSon calculation). We
choose standard value RCSENSE = 560 Ω.
OUT2:
Equation 40
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com