Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7514 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 10Page - STMicroelectronics TDA7514 Datasheet HTML 11Page - STMicroelectronics TDA7514 Datasheet HTML 12Page - STMicroelectronics TDA7514 Datasheet HTML 13Page - STMicroelectronics TDA7514 Datasheet HTML 14Page - STMicroelectronics TDA7514 Datasheet HTML 15Page - STMicroelectronics TDA7514 Datasheet HTML 16Page - STMicroelectronics TDA7514 Datasheet HTML 17Page - STMicroelectronics TDA7514 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
TDA7514
14/74
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
AGC1 Narrow Band AGC (input: AMMIXER2in; FEAGC in open-loop configuration)
NAGCspl
Starting point minimum
Level at AMMIX2IN
@IAGCOUT = 1µA
IF1=10.7MHz, Set=0
96.3
dB
µV
NAGCsph
Starting point maximum
Level at AMMIX2IN
@IAGCOUT = 1µA
IF1=10.7MHz, Set=31
117.0
dB
µV
AGC1 Ultra Narrow Band AGC (input: AMIF2IN+; FEAGC in open-loop configuration)
UNAGCspl
Starting point minimum
Level at AMIF2IN
@IAGCOUT =1uA
IF2=450KHz, Set=0
69.6
dB
µV
UNAGCsph
Starting point maximum
Level at AMIF2IN
@IAGCOUT =1uA
IF2=450KHz, Set=15
76.9
dB
µV
AGC1 Output
Ioutl
Pindiode drive current
minimum
AGCOFF
1
µA
Iouth
Pindiode drive current
maximum
AGCON
0.4
mA
Voutl
Rfamp control voltage
minimum
AGCON
0.5
V
Vouth
Rfamp control voltage
maximum
AGCOFF
3.5
V
Ragcvout
Output resistance at VOUT
17
k
AGC1 Time Constant
Ragc1tc1
Time constant FAST mode
Output resistance
AMAGC1TCpin
9k
Ragc1tc2
Time constant Normal mode
Output resistance
AMAGC1TCpin
100
k
AMMIXER2
Gmix2max
Conversion Gain
From AMMIXER2in to IFT2
secondary loaded with 2k
Ω
8dB
IIP3mix2
Input-referred IP3
140
dB
µV
Rmix2in
Input resistance
2.4
k
AMIF2amplifier
Gif2ampmin
min. gain , no AGC2
T29<7:4>=0010
68
dB
Gif2ampmax
max. gain , no AGC2
T29<7:4>=1111
82
dB
Δ Gif2amp
AGC2 range
-40
dB
Rif2ampin
Input resistance
2
k
SoftMute by Smeter
Vthsm1
Threshold level1
T14<1:0>=00
0.3
V
Table 4. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com