Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7514 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 11Page - STMicroelectronics TDA7514 Datasheet HTML 12Page - STMicroelectronics TDA7514 Datasheet HTML 13Page - STMicroelectronics TDA7514 Datasheet HTML 14Page - STMicroelectronics TDA7514 Datasheet HTML 15Page - STMicroelectronics TDA7514 Datasheet HTML 16Page - STMicroelectronics TDA7514 Datasheet HTML 17Page - STMicroelectronics TDA7514 Datasheet HTML 18Page - STMicroelectronics TDA7514 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
15/74
TDA7514
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Vthsm2
Threshold level2
T14<1:0>=01
0.4
V
Vthsm3
Threshold level3
T14<1:0>=10
1.6
V
Vthsm4
Threshold level4
T14<1:0>=11
1.8
V
Attsmmax
Maximum attenuation
21.5
dB
Attsmmin
Minimum attenuation
4.5
dB
Attsmstep
Step attenuation
2.5
dB
AM Filtered Smeter
VFSM1
Filtered Smeter1
@AMIF2AMPIN=50dB
µV0.8
V
VFSM2
Filtered Smeter2
@AMIF2AMPIN=70dB
µV2.2
V
VFSM3
Filtered Smeter3
@AMIF2AMPIN=90dB
µV4.4
V
FSMR1
Filtered Smeter resistor
T16<5>=0
200
k
FSMR2
Filtered Smeter resistor
T16<5>=1
21
M
CLVFSM
Clamped voltage
5
V
TCsm1
Time constant1
T16<5>=0
10
ms
TCsm2
Time constant2
T16<5>=1
0.9
s
AM Smeter Slider
SLSTEP
Slider step
40
mV
SLMAX
Maximum Slider
@VFSM=2.6V
1.23
V
SLMIN
Minimum Slider
@VFSM=2.6V
-1.25
V
AM Station Detector by Smeter
VSDl
Low output level
@SD pin
0
V
VSDh
High output level
@SD pin
5
V
Vthsdmin
Threshold level minimum
T29<3:0>=0000
0.3
V
Vthsdmax
Threshold level maximum
T29<3:0>=1111
2.55
V
Vthsdstep
Threshold level step
0.15
V
AMAGC2 Time Constant
Ragc2tc1
Time constant FAST mode
Output resistance
AMAGC1TCpin
4.8
k
Ragc2tc2
Time constant Normal mode
Output resistance
AMAGC1TCpin
150
k
AMIFNB
Wgateifnb
Width of gate
12
µsec
Voffset0
Rectifier offset0
T31<3:0>=0000
0
mV
Voffset1
Rectifier offset1
T31<3:0>=0001
46
mV
Voffset2
Rectifier offset2
T31<3:0>=0010
100
mV
Voffset3
Rectifier offset3
T31<3:0>=0011
146
mV
Table 4. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com