| Electronic Components Datasheet Search |
|
TMS28F002AXY Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS28F002AXY Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 79 page ![]() TMS28F002Axy, TMS28F200Axy 262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES SMJS826D – JANUARY 1996 – REVISED SEPTEMBER 1997 4 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 D The TMS28F002AMy and TMS28F200AMy configurations offer a 3-V or 5-V memory read with a 12-V program and erase. These configurations are intended for low 3.3-V reads and the fast programming offered with the12-V VPP and 5-V VCC. These configurations are offered in two different temperature ranges: 0 °C to 70°C and – 40°C to 85°C. D The TMS28F002AFy and TMS28F200AFy configurations offer a 5-V memory read with a 5-V or 12-V program and erase. These configurations are intended for systems using a single 5-V power supply. The configurations are offered in three temperature ranges: 0 °C to 70°C, – 40°C to 85°C, and – 40°C to 125°C. D The TMS28F002AZy and TMS28F200AZy configurations offer a 5-V memory read with a 12-V program and a 12-V erase for fast programming and erasing times. These configurations are offered in three temperature ranges: 0 °C to 70°C,– 40°C to 85°C, and – 40°C to 125°C. All configurations of the TMS28F200Axy are offered in the 44-pin plastic small-outline package (PSOP) and the 48-pin thin small-outline package (TSOP). The TMS28F002Axy is offered in a 40-pin TSOP only. Both the 40-pin and 48-pin TSOP are offered for the 0 °C to 70°C and – 40°C to 85°C temperature ranges only. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |