Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

41011 Datasheet(PDF) 13 Page - Presto International UK Limited

Part # 41011
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

41011 Datasheet(HTML) 13 Page - Presto International UK Limited

Back Button 41011 Datasheet HTML 9Page - Presto International UK Limited 41011 Datasheet HTML 10Page - Presto International UK Limited 41011 Datasheet HTML 11Page - Presto International UK Limited 41011 Datasheet HTML 12Page - Presto International UK Limited 41011 Datasheet HTML 13Page - Presto International UK Limited 41011 Datasheet HTML 14Page - Presto International UK Limited 41011 Datasheet HTML 15Page - Presto International UK Limited 41011 Datasheet HTML 16Page - Presto International UK Limited 41011 Datasheet HTML 17Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
presto-tools.com
13
DIN 371 Metric Coarse Taps
Series #
Standard
Material
Type
Size Range
Surface
631305
N
HSSE
Straight
M3 - M10
P0 Bright
631313
GG
HSSE PM
Straight
P6 TiCN
631319
RH15
HSSE PM
Spiral Flute
P6 TiCN
631332
BN
HSS
Spiral Point
P0 Bright or
P5 TiN
631334
BVA
HSS
Spiral Point
P0 Bright
631363
R40N
HSS
Spiral Flute
P0 Bright or
P5 TiN
631370
R40VAT
HSS
Spiral Flute
P0 Bright
631377
FCS
HSSE PM
Fluteless Roll
P5 TiN
651346
BVAX
HSSE PM
Spiral Point
P6 TiCN
651386
R40VAX
HSSE PM
Spiral Flute
P6 TiCN
DIN 376 Metric Coarse Taps
Series #
Standard
Material
Type
Size Range
Surface
631405
N
HSSE
Straight
M6 - M36
P0 Bright
631413
GG
HSSE PM
Straight
M8 - M16
P6 TiCN
631419
RH15
HSSE PM
Spiral Flute
M8 - M24
P6 TiCN
631432
BN
HSSE
Spiral Point
M8 - M42
P0 Bright
or P5 TiN
631434
BVA
HSSE
Spiral Point
M8 - M24
P0 Bright
631463
R40N
HSSE
Spiral Flute
M6 - M42
P0 Bright
or P5 TiN
631470
R40VAT
HSSE
Spiral Flute
M8 - M24
P0 Bright
651446
BVAX
HSSE PM
Spiral Point
M12 - M20
P6 TiCN
651486
R40VAX
HSSE PM
Spiral Flute
M8 - M24
P6 TiCN
DIN 374 Metric Coarse & MF Taps
Series #
Standard
Material
Type
Size Range
Surface
632505
N
HSSE
Straight
M8 - M27
P0 Bright
632532
BN
Spiral Point
M8 - M16
P0 Bright
632563
R40N
Spiral Flute
M8 - M24
P0 Bright or
P5 TiN
652546
BVAX
Spiral Point
MF8 - MF16
P0 Bright
DIN 5156 BSPF (G) Taps
Series #
Standard
Material
Type
Size Range
Surface
635705
N
HSSE
Straight
1/8" - 1"
P0 Bright
635732
BN
Spiral Point
635763
R40N
Spiral Flute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com