Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

41011 Datasheet(PDF) 21 Page - Presto International UK Limited

Part # 41011
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

41011 Datasheet(HTML) 21 Page - Presto International UK Limited

Back Button 41011 Datasheet HTML 16Page - Presto International UK Limited 41011 Datasheet HTML 17Page - Presto International UK Limited 41011 Datasheet HTML 18Page - Presto International UK Limited 41011 Datasheet HTML 19Page - Presto International UK Limited 41011 Datasheet HTML 20Page - Presto International UK Limited 41011 Datasheet HTML 21Page - Presto International UK Limited 41011 Datasheet HTML 22Page - Presto International UK Limited 41011 Datasheet HTML 23Page - Presto International UK Limited 41011 Datasheet HTML 24Page - Presto International UK Limited  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
presto-tools.com
21
Carbide Burr Sets
Part No
No of Pcs
Contents
Set shown 27600-10PC6
27600-4PC6
4
3/8” Shapes E,F - Double Cut
1/2” Shapes C,B - Single Cut
27600-12ACFGM
5
1/2” Shapes A,C,F,G,M - Double Cut
27600-12ACFLM
5
1/2” Shapes A,C,F,L,M - Double Cut
27600-12BCFGM
5
1/2” Shapes B,C,F,G,M - Double Cut
27600-8PC6M
8
3/8” Shapes E,F - Double Cut
3/8” Shapes C,L - Single Cut
1/2” Shapes A,C,D,G - Single Cut
27600-8PC6S
8
3/8” Shapes A,B,C,D - Single Cut
1/2” Shapes E,F,G,M - Single Cut
27600-10PC3
10
3mm Shapes A,C,D,F,J - Fine Cut
3mm Shapes F,G,M - Double Cut
3mm Shape B - Chip Breaker Cut
3mm Shape D - Single Cut
27600-10PC6
10
3/8” Shapes A,C,F,G - Double Cut
1/2” Shapes A,C,D,F,G,M - Double Cut
27600-20PC3
20
3mm Shapes B,C,D,D (Double Ended),E,F,G,J,L,N - Fine Cut
3mm Shapes A,D,E,F,L,M 3mm - Double Cut
3mm Shapes A,C - Chip Breaker Cut
3mm Shape D - Single Cut
4mm Shape D - Single Cut
4mm Shape D - Double Cut
Carbide Burrs
Series #
Cut
Style
Size Range
Surface
27500
EXP (Double)
Shape 'L'
Ball Nosed
Cone
3.00mm (1/4”) -
15.88mm (5/8”)
P0 Bright
27501
SGL (Single)
27510
EXP (Double)
Shape 'M'
Pointed Cone
3.00mm (1/4”) -
12.70mm (1/2”)
P0 Bright
27511
SGL (Single)
27520
EXP (Double)
Shape 'N'
Inverted Cone
6.00mm (1/4”) -
15.88mm (5/8”)
P0 Bright
27521
SGL (Single)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com