Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM83135-005 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AM83135-005
Description  RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM83135-005 Datasheet(HTML) 1 Page - STMicroelectronics

  AM83135-005 Datasheet HTML 1Page - STMicroelectronics AM83135-005 Datasheet HTML 2Page - STMicroelectronics AM83135-005 Datasheet HTML 3Page - STMicroelectronics AM83135-005 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
August 23, 1996
S-BAND RADAR APPLICATIONS
RF & MICROWAVE TRANSISTORS
. 400 x .400 2NL FL (S042)
hermetically sealed
.
REFRACTORY/GOLD METALL IZATION
.
EMITTER SITE BALLASTED
.
5:1 VSWR CAPABILITY
.
LOW THERMAL RESISTANCE
.
INPUT/OUTPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 5.0 W MIN. WITH 5.2 dB GAIN
DESCRIPTION
The AM83135-005 device is a medium power sili-
con bipolar NPN transistor specifically designed
for S-Band radar pulsed driver applications.
This device is capable of operation over a wide
range of pulse widths. duty cycles and tempera-
tures, and can withstand a 5:1 output VSWR.
Low RF thermal resistance, refractory/gold metal-
lization, and computerized automatic wire bond-
ing techniques ensure high reliability and product
consistency.
The AM83135-005 is supplied in the AMPAC
™
Hermetic Metal/Ceramic package with internal In-
put/Output matching circuitry, and is intended for
military and other high reliability applications.
PIN CONNECTION
BRANDI NG
83135-5
O RDER CODE
AM83135-005
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Un it
PDISS
P ower Dissipation*
(TC
≤ 100°C)
40
W
IC
Device Current*
1.8
A
VCC
Collector-Supply Voltage*
34
V
TJ
J un ction Te mperature ( Pul sed RF Operation)
250
°C
TSTG
S torage Temperature
− 65 to +200
°C
RTH(j-c)
J un ction-Ca s e Thermal R e sistance*
3.75
°C/W
*Applie s only to rated RF a mplifier oper ation
AM83135-005
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
1/4


Similar Part No. - AM83135-005

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM83135-001 STMICROELECTRONICS-AM83135-001 Datasheet
78Kb / 5P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
03-Feb-1997
More results

Similar Description - AM83135-005

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM2729-110 STMICROELECTRONICS-AM2729-110 Datasheet
61Kb / 4P
S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM2931-110 STMICROELECTRONICS-AM2931-110 Datasheet
60Kb / 4P
S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM82731-003 STMICROELECTRONICS-AM82731-003 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Aug-1992
AM82731-025 STMICROELECTRONICS-AM82731-025 Datasheet
60Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Aug-1992
AM82731-050 STMICROELECTRONICS-AM82731-050 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Aug-1992
AM83135-010 STMICROELECTRONICS-AM83135-010 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
27-Jul-1994
AM83135-015 STMICROELECTRONICS-AM83135-015 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
27-Jul-1994
AM83135-030 STMICROELECTRONICS-AM83135-030 Datasheet
57Kb / 3P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Sep-1992
AM83135-040 STMICROELECTRONICS-AM83135-040 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Sep-1992
logo
Advanced Power Technolo...
MS2604 ADPOW-MS2604 Datasheet
120Kb / 3P
RF& MICROWAVE TRANSISTORS S BAND RADAR APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com