Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM83135-005 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AM83135-005
Description  RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM83135-005 Datasheet(HTML) 3 Page - STMicroelectronics

  AM83135-005 Datasheet HTML 1Page - STMicroelectronics AM83135-005 Datasheet HTML 2Page - STMicroelectronics AM83135-005 Datasheet HTML 3Page - STMicroelectronics AM83135-005 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
All dimensions are in inches.
Substrate Material: .025 tick Al203 (Er
= 9.6)
C1
:
100 pF Chip Capacitor
(Note: Mounted on its thin side)
C2
:
1500 pF RF Feedthru
C3
:
100 mF Electrolytic
L1
:
No. 32 Wire, 2 Turns 1/16” I.D.
L2
:
Printed Choke
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
PIN
= 1.5 W
VCC
= 30 V
Normalized to 50 ohms
L
L
H
H
ZCL
ZIN
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
L
= 2.7 GHz
9.0 j 22.0
48.0 + j 11.5
ù
= 2.9 GHz
9.0 j 23.0
43.0 + j 9.0
M
= 3.1 GHz 12.5 + j 25.0
30.0 + j 3.0
ù
= 3.3 GHz
20.0 + j 25.0
21.5 + 0.0
H
= 3.5 GHz 22.0 + j 22.5
16.0
− j 3.0
AM83135-005
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com