Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPIC6A596 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPIC6A596
Description  TPIC6A596 Power Logic 8-Bit Shift Register
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC6A596 Datasheet(HTML) 2 Page - Texas Instruments

  TPIC6A596 Datasheet HTML 1Page - Texas Instruments TPIC6A596 Datasheet HTML 2Page - Texas Instruments TPIC6A596 Datasheet HTML 3Page - Texas Instruments TPIC6A596 Datasheet HTML 4Page - Texas Instruments TPIC6A596 Datasheet HTML 5Page - Texas Instruments TPIC6A596 Datasheet HTML 6Page - Texas Instruments TPIC6A596 Datasheet HTML 7Page - Texas Instruments TPIC6A596 Datasheet HTML 8Page - Texas Instruments TPIC6A596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Table of Contents
1 Features............................................................................1
2 Application....................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................2
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings ....................................... 4
5.2 Dissipation Rating Table............................................. 4
5.3 Recommended Operating Conditions.........................4
5.4 Electrical Characteristics.............................................5
5.5 Switching Characteristics ...........................................6
5.6 Thermal Resistance ................................................... 6
5.7 Typical Characteristics................................................ 6
6 Parameter Measurement Information............................ 8
7 Detailed Description......................................................12
7.1 Overview................................................................... 12
7.2 Functional Block Diagram......................................... 12
7.3 Feature Description...................................................13
8 Device Functional Modes............................................. 14
8.1 Operating with Vcc < 4.5V......................................... 14
8.2 Operating with 5.5V < Vcc ≤ 7V.................................14
9 Device and Documentation Support............................15
9.1 Documentation Support............................................ 15
9.2 Receiving Notification of Documentation Updates....15
9.3 Support Resources................................................... 15
9.4 Trademarks...............................................................15
9.5 Electrostatic Discharge Caution................................15
9.6 Glossary....................................................................15
10 Revision History.......................................................... 15
11 Mechanical, Packaging, and Orderable
Information.................................................................... 15
4 Pin Configuration and Functions
Figure 4-1. NE package 20-Pin PDIP Top View
Figure 4-2. DW package 24-Pin SOIC Top View
TPIC6A596
SLIS094B – MARCH 2000 – REVISED MARCH 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPIC6A596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com