Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPIC6A596 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPIC6A596
Description  TPIC6A596 Power Logic 8-Bit Shift Register
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC6A596 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPIC6A596 Datasheet HTML 6Page - Texas Instruments TPIC6A596 Datasheet HTML 7Page - Texas Instruments TPIC6A596 Datasheet HTML 8Page - Texas Instruments TPIC6A596 Datasheet HTML 9Page - Texas Instruments TPIC6A596 Datasheet HTML 10Page - Texas Instruments TPIC6A596 Datasheet HTML 11Page - Texas Instruments TPIC6A596 Datasheet HTML 12Page - Texas Instruments TPIC6A596 Datasheet HTML 13Page - Texas Instruments TPIC6A596 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
A.
The VGG amplitude and RG are adjusted for di/dt = 20A/µs. A VGG double-pulse train is used to set IF = 0.35A, where t1 = 10µs, t2 = 7µs,
and t3 = 3µs.
B.
The DRAIN terminal under test is connected to the TP K test point. All other terminals are connected together and connected to the TPA
test point.
C.
IRM = maximum recovery current.
Figure 6-5. Reverse-Recovery-Current Test Circuit and Waveforms of Source-Drain Diode
A.
Non JEDEC symbol for avalanche time.
B.
The word generator has the following characteristics: tr ≤ 10ns, tf ≤ 10ns, ZO = 50Ω.
C.
Input pulse duration, tw, is increased until peak current IAS = 600mA.
Energy test level is defined as EAS = (IAS x V(BR)DSX´ tav)/2 = 75mJ.
Figure 6-6. Single-Pulse Avalanche Energy Test Circuit and Waveforms
TPIC6A596
SLIS094B – MARCH 2000 – REVISED MARCH 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPIC6A596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com