Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADS7828 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 3 Page - Texas Instruments

  ADS7828 Datasheet HTML 1Page - Texas Instruments ADS7828 Datasheet HTML 2Page - Texas Instruments ADS7828 Datasheet HTML 3Page - Texas Instruments ADS7828 Datasheet HTML 4Page - Texas Instruments ADS7828 Datasheet HTML 5Page - Texas Instruments ADS7828 Datasheet HTML 6Page - Texas Instruments ADS7828 Datasheet HTML 7Page - Texas Instruments ADS7828 Datasheet HTML 8Page - Texas Instruments ADS7828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
+V
DD
SDA
SCL
A1
A0
COM
REF /REF
IN
OUT
GND
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
ADS7828-Q1
www.ti.com
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
5 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View
Pin Functions
PIN
DESCRIPTION
NO.
NAME
1
CH0
Differential channel 0: positive input or single-ended channel 0 input
2
CH1
Differential channel 0: negative input or single-ended channel 1 input
3
CH2
Differential channel 1: positive input or single-ended channel 2 input
4
CH3
Differential channel 1: negative input or single-ended channel 3 input
5
CH4
Differential channel 2: positive input or single-ended channel 4 input
6
CH5
Differential channel 2: negative input or single-ended channel 5 input
7
CH6
Differential channel 3: positive input or single-ended channel 6 input
8
CH7
Differential channel 3: negative input or single-ended channel 7 input
9
GND
Analog ground
10
REFIN / REFOUT
Internal 2.5-V reference / external reference input
11
COM
Common to analog input channel
12
A0
Slave address bit 0
13
A1
Slave address bit 1
14
SCL
Serial clock
15
SDA
Serial data
16
+VDD
Power supply, 3.3 V (nominal)
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS7828-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com