Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADS7828 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 4 Page - Texas Instruments

  ADS7828 Datasheet HTML 1Page - Texas Instruments ADS7828 Datasheet HTML 2Page - Texas Instruments ADS7828 Datasheet HTML 3Page - Texas Instruments ADS7828 Datasheet HTML 4Page - Texas Instruments ADS7828 Datasheet HTML 5Page - Texas Instruments ADS7828 Datasheet HTML 6Page - Texas Instruments ADS7828 Datasheet HTML 7Page - Texas Instruments ADS7828 Datasheet HTML 8Page - Texas Instruments ADS7828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADS7828-Q1
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range, unless otherwise noted.
(1) (2)
MIN
MAX
UNIT
VDD
Supply voltage
–0.3
6
V
VIN
Digital input voltage
–0.3
0.3
V
θJA
Thermal impedance, junction to free air(3)(4)
108.4
°C/W
TA
Operating free-air temperature
–40
85
°C
Vapor phase (60 seconds)
215
°C
Tlead
Lead temperature during soldering
Infrared (15 seconds)
220
°C
TJ
Operating virtual-junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the GND terminal.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±1000
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
2.7-V nominal
2.7
3.6
VDD
Supply Voltage
V
5-V nominal
4.75
5
5.25
Positive Input
–0.2
+VDD + 0.2
Negative Input
–0.2
0.2
VIN
Analog Input Voltage
V
Full-scale differential (Positive input – Negative
0
VREF
input)
VIN(REF)
Voltage Reference Input voltage
0.05
+VDD
V
VIH
High-level digital input voltage
0.7 × +VDD
+VDD + 0.5
V
VIL
Low-level digital input voltage
–0.3
0.3 × +VDD
V
TA
Operating free-air temperature
–40
85
°C
4
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: ADS7828-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com