Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSB41BA3BIPFP Datasheet(PDF) 13 Page - Texas Instruments

Part # TSB41BA3BIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3BIPFP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSB41BA3BIPFP Datasheet HTML 9Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 10Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 11Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 12Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 13Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 14Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 15Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 16Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
TSB41BA3B
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS678 − SEPTEMBER 2005
13
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
TYPE
PFP
NO.
GGM
NO.
I/O
DESCRIPTION
TPA2−
TPA2+
TPB2−
TPB2+
Cable
58
59
55
56
A2
B2
A4
A3
I/O
Port-2 twisted-pair differential-signal terminals. Board traces from each pair of positive and
negative differential signal terminals must be kept matched and as short as possible to the
external load resistors and to the cable connector. Request the S800 1394b layout
recommendations document from your Texas Instruments representative.
TPBIAS0_SD0
TPBIAS1_SD1
TPBIAS2_SD2
Cable
In
47
54
60
A7
D5
B1
I/O
Twisted-pair bias output and signal detect input. This provides the 1.86-V nominal bias
voltage needed for proper operation of the twisted-pair cable drivers and receivers, and for
signaling to the remote nodes that there is an active cable connection in 1394a-2000
mode. Each of these terminals, except for an unused port, must be decoupled with a 1-
µF
capacitor to ground. For the unused port, this terminal can be left unconnected.
When a port is configured as a Beta-mode port (B1, B2, B4) this terminal becomes an input
and must be high when a valid signal is present. For optical transceivers, the signal detect
of the transceiver must be connected to this terminal. The input is an LVCMOS level input.
VREG_PD
CMOS
73
F2
I
Voltage regulator power-down input. When asserted logic-high, this terminal powers
down the internal 3.3-V-to-1.8-V regulator. For single-supply (3.3-V only) operation, this
terminal must be tied to GND.
XI
XO
Crystal
27
26
F10
G10
I
O
Crystal oscillator inputs. These terminals connect to a 49.152-MHz parallel-resonant
fundamental-mode crystal. The optimum values for the external shunt capacitors depend
on the specifications of the crystal used (see the crystal selection section in the TSB41AB3
IEEE 1394a−2000 Three-Port Cable Transceiver/Arbiter data sheet, SLLS418. XI is a
1.8-V CMOS input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com