Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSB41BA3BIPFP Datasheet(PDF) 20 Page - Texas Instruments

Part # TSB41BA3BIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3BIPFP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TSB41BA3BIPFP Datasheet HTML 16Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 17Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 18Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 19Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 20Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 21Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 22Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 23Page - Texas Instruments TSB41BA3BIPFP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
TSB41BA3B
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS678 − SEPTEMBER 2005
20
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
th
tsu
Dx, CTLx, LREQ
xCLK
Figure 2. Dx, CTLx, LREQ Input Setup and Hold Time Waveforms
td
Dx, CTLx
xCLK
Figure 3. Dx and CTLx Output Delay Relative to xCLK Waveforms
APPLICATION INFORMATION
Obtain from the Texas Instruments Web site or your local Texas Instruments representative the reference
schematics, reference layouts, debug documents, and software recommendations for the TSB41BA3B.
internal register configuration
The TSB41BA3B has 16 accessible internal registers. The configuration of the registers at addresses 0h
through 7h (the base registers) is fixed, whereas the configuration of the registers at addresses 8h through Fh
(the paged registers) depends on which of eight pages, numbered 0h through 7h, is currently selected. The
selected page is set in base register 7h. Note that while this register set is compatible with 1394a-2000 register
sets, some fields have been redefined, and this register set contains additional fields.
Table 2 shows the configuration of the base registers, and Table 3 gives the corresponding field descriptions.
The base register field definitions are unaffected by the selected page number.
A reserved register or register field (marked as Reserved or Rsvd in the following register configuration tables)
is read as 0, but is subject to future usage. All registers in address pages 2 through 6 are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com