Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KBPC3502 Datasheet(PDF) 2 Page - Multicomp Pro

Part # KBPC3502
Description  Glass Passivated Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

KBPC3502 Datasheet(HTML) 2 Page - Multicomp Pro

  KBPC3502 Datasheet HTML 1Page - Multicomp Pro KBPC3502 Datasheet HTML 2Page - Multicomp Pro KBPC3502 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
06/09/19
Glass Passivated
Bridge Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Ratings and Characteristic Curves
Characteristics
Symbol
Values
Unit
Max. Forward Voltage Drop Per Element
at 5.0/7.5/12.5/17.5/25.0A Peak
Vf
1.1
V
Max. Reverse Current at Rate
DC Blocking Voltage Per Element @ Tj = 25°C
Ir
10
μA
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TsTg
-55 to +150
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com