Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KBPC3502 Datasheet(PDF) 1 Page - Multicomp Pro

Part # KBPC3502
Description  Glass Passivated Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

KBPC3502 Datasheet(HTML) 1 Page - Multicomp Pro

  KBPC3502 Datasheet HTML 1Page - Multicomp Pro KBPC3502 Datasheet HTML 2Page - Multicomp Pro KBPC3502 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
06/09/19
Glass Passivated
Bridge Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Surge overload -240~500 Amperes peak
• Low forward voltage drop
• Electrically isolated base -2000 Volts
• Solderable 0.25" FAST ON terminals
• Materials used carries UL recognition
Mechanical Data
Mounting Position : Any
Reverse Voltage
: 50 to 1000 Volts
Forward Current
: 10/15/25/35/50 Ampere
Maximum Ratings and Electrical Characteristics:
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Part Number
Max. Recurrent Peak
Reverse Voltage
Max. RMS
Bridge Input
Voltage
Max. Average Forward
Rectified Output Current
@Tc = 55°C
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Vrrm
Vrms
I(AV)
Ifsm
KBPC3504
400
280
35
400
KBPC1508
800
560
15
300
KBPC15005
50
35
15
300
KBPC3502
200
140
35
400
KBPC3510
1000
700
35
400
KBPC1510
1000
700
15
300
KBPC1501
100
70
15
300
KBPC2504
400
280
25
400
KBPC5006
600
420
50
500
KBPC3506
600
420
35
400
KBPC5002
200
140
50
500
KBPC25005
50
35
25
400
KBPC3501
100
70
35
400
KBPC1506
600
420
15
300
KBPC5010
1000
700
50
500
KBPC50005
50
35
50
500
KBPC2502
200
140
25
400
KBPC1504
400
280
15
300
KBPC2508
800
560
25
400


Similar Part No. - KBPC3502

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC3502 WTE-KBPC3502 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC3502 SEMTECH-KBPC3502 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC3502 SSE-KBPC3502 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC3502 CHENYI-KBPC3502 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC3502 DCCOM-KBPC3502 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC3502

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU4A CHONGQING-GBU4A Datasheet
41Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU6A CHONGQING-GBU6A Datasheet
41Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diotech Company.
GBJ4005 DIOTECH-GBJ4005 Datasheet
953Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
Glass Passivated Bridge Rectifier
REV.01 June 21,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com