Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP2953AIN Datasheet(PDF) 2 Page - Texas Instruments

Part # LP2953AIN
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2953AIN Datasheet(HTML) 2 Page - Texas Instruments

  LP2953AIN Datasheet HTML 1Page - Texas Instruments LP2953AIN Datasheet HTML 2Page - Texas Instruments LP2953AIN Datasheet HTML 3Page - Texas Instruments LP2953AIN Datasheet HTML 4Page - Texas Instruments LP2953AIN Datasheet HTML 5Page - Texas Instruments LP2953AIN Datasheet HTML 6Page - Texas Instruments LP2953AIN Datasheet HTML 7Page - Texas Instruments LP2953AIN Datasheet HTML 8Page - Texas Instruments LP2953AIN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
SNVS095F – MAY 2004 – REVISED MARCH 2015
www.ti.com
Table of Contents
7.3
Feature Description................................................. 15
1
Features .................................................................. 1
7.4
Device Functional Mode ......................................... 16
2
Applications ........................................................... 1
8
Application and Implementation ........................ 17
3
Description ............................................................. 1
8.1
Application Information............................................ 17
4
Revision History..................................................... 2
8.2
Typical Applications ................................................ 21
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 30
6
Specifications......................................................... 4
10
Layout................................................................... 31
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 31
6.2
ESD Ratings.............................................................. 4
10.2
Layout Example .................................................... 31
6.3
Recommended Operating Conditions ....................... 4
10.3
Power Dissipation: Heatsink Requirements
6.4
Thermal Information .................................................. 5
(Industrial Temperature Range Devices) ................. 32
6.5
Electrical Characteristics: 3.3-V Versions ................. 5
11
Device and Documentation Support ................. 34
6.6
Electrical Characteristics: 5-V Versions .................... 5
11.1
Related Links ........................................................ 34
6.7
Electrical Characteristics: All Voltage Options .......... 6
11.2
Trademarks ........................................................... 34
6.8
Typical Characteristics .............................................. 9
11.3
Electrostatic Discharge Caution ............................ 34
7
Detailed Description ............................................ 14
11.4
Glossary ................................................................ 34
7.1
Overview ................................................................. 14
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagrams ..................................... 14
Information ........................................................... 34
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (December 2014) to Revision F
Page
Deleted "Assured" .................................................................................................................................................................. 1
Changed "Output Pulldown Crowbar" to "Automatic Output Discharge" ............................................................................... 1
Changed "internal crowbar" to "automatic output discharge" ................................................................................................. 1
Added word "input" after "battery" in Features and Description ............................................................................................. 1
Changed pin names for IN and OUT to match TI nomenclature; fix typos ............................................................................ 1
Changed max junc. temp from 125°C to 150°C .................................................................................................................... 4
Changed wording of footnote 12 ........................................................................................................................................... 8
Added second bullet for "LP2953 versions only" ................................................................................................................. 14
Added Automatic Output Dischange subsection ................................................................................................................. 16
Deleted sentence "To achieve the smallest form factor, the TO-92 package is selected.".................................................. 22
Changed "With an efficiency of 83.3% and a 250-mA maximum load, the internal power dissipation is 250 mW,
which corresponds to a 19.2°C junction temperature rise for the SOIC package." to "With a VIN – VOUT differential of
1 V and a maximum load current of 250 mA the internal junction temperature (TJ) of the SOIC package will rise
19.2° above the ambient temperature."................................................................................................................................ 22
Deleted "Thermal Resistance for Various Copper Heatsinking Patterns" table ................................................................... 33
Changes from Revision D (September 2013) to Revision E
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section; updated
Thermal Information values; deleted obsolete LP2953AM references .................................................................................. 1
Changes from Revision C (March 2005) to Revision D
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 30
2
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com